Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 48 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 48 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 44Page - Dallas Semiconductor DS21352 Datasheet HTML 45Page - Dallas Semiconductor DS21352 Datasheet HTML 46Page - Dallas Semiconductor DS21352 Datasheet HTML 47Page - Dallas Semiconductor DS21352 Datasheet HTML 48Page - Dallas Semiconductor DS21352 Datasheet HTML 49Page - Dallas Semiconductor DS21352 Datasheet HTML 50Page - Dallas Semiconductor DS21352 Datasheet HTML 51Page - Dallas Semiconductor DS21352 Datasheet HTML 52Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 137 page
background image
DS21352/DS21552
48 of 137
SR2: STATUS REGISTER 2 (Address=21 Hex)
(MSB)
(LSB)
RMF
TMF
SEC
RFDL
TFDL
RMTCH
RAF
RSC
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
SR2.7
Receive Multiframe. Set on receive multiframe boundaries.
TMF
SR2.6
Transmit Multiframe. Set on transmit multiframe boundaries.
SEC
SR2.5
One Second Timer. Set on increments of one second based on RCLK; will be set in
increments of 999 ms, 999 ms, and 1002 ms every 3 seconds.
RFDL
SR2.4
Receive FDL Buffer Full. Set when the receive FDL buffer (RFDL) fills to capacity
(8 bits).
TFDL
SR2.3
Transmit FDL Buffer Empty. Set when the transmit FDL buffer (TFDL) empties.
RMTCH
SR2.2
Receive FDL Match Occurrence. Set when the RFDL matches either RFDLM1 or
RFDLM2.
RAF
SR2.1
Receive FDL Abort. Set when eight consecutive one’s are received in the FDL.
RSC
SR2.0
Receive Signaling Change. Set when the DS21352/552 detects a change of state in
any of the robbed–bit signaling bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com