Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 28Page - Dallas Semiconductor DS21352 Datasheet HTML 29Page - Dallas Semiconductor DS21352 Datasheet HTML 30Page - Dallas Semiconductor DS21352 Datasheet HTML 31Page - Dallas Semiconductor DS21352 Datasheet HTML 32Page - Dallas Semiconductor DS21352 Datasheet HTML 33Page - Dallas Semiconductor DS21352 Datasheet HTML 34Page - Dallas Semiconductor DS21352 Datasheet HTML 35Page - Dallas Semiconductor DS21352 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 137 page
background image
DS21352/DS21552
32 of 137
RCR2: RECEIVE CONTROL REGISTER 2 (Address=2C Hex)
(MSB)
(LSB)
RCS
RZBTSI
RSDW
RSM
RSIO
RD4YM
FSBE
MOSCRF
SYMBOL
POSITION
NAME AND DESCRIPTION
RCS
RCR2.7
Receive Code Select.
0 = idle code (7F Hex)
1 = digital milliwatt code (1E/0B/0B/1E/9E/8B/8B/9E Hex)
RZBTSI
RCR2.6
Receive Side ZBTSI Support Enable. Allows ZBTSI information to be output on
RLINK pin.
0 = ZBTSI disabled
1 = ZBTSI enabled
RSDW
RCR2.5
RSYNC Double–Wide. (note: this bit must be set to zero when RCR2.4 = 1 or when
RCR2.3 = 1)
0 = do not pulse double wide in signaling frames
1 = do pulse double wide in signaling frames
RSM
RCR2.4
RSYNC Mode Select. Selects frame or multiframe pulse when RSYNC pin is in output
mode. In input mode (elastic store must be enabled) multiframe mode is only useful
when receive signaling re-insertion is enabled. See the timing in Section 21.
0 = frame mode
1 = multiframe mode
RSIO
RCR2.3
RSYNC I/O Select. (note: this bit must be set to zero when CCR1.2 = 0)
0 = RSYNC is an output
1 = RSYNC is an input (only valid if elastic store enabled)
RD4YM
RCR2.2
Receive Side D4 Yellow Alarm Select.
0 = zeros in bit 2 of all channels
1 = a one in the S–bit position of frame 12
FSBE
RCR2.1
PCVCR Fs–Bit Error Report Enable.
0 = do not report bit errors in Fs–bit position; only Ft bit position
1 = report bit errors in Fs–bit position as well as Ft bit position
MOSCRF
RCR2.0
Multiframe Out of Sync Count Register Function Select.
0 = count errors in the framing bit position
1 = count the number of multiframes out of sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com