Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 8Page - Dallas Semiconductor DS21352 Datasheet HTML 9Page - Dallas Semiconductor DS21352 Datasheet HTML 10Page - Dallas Semiconductor DS21352 Datasheet HTML 11Page - Dallas Semiconductor DS21352 Datasheet HTML 12Page - Dallas Semiconductor DS21352 Datasheet HTML 13Page - Dallas Semiconductor DS21352 Datasheet HTML 14Page - Dallas Semiconductor DS21352 Datasheet HTML 15Page - Dallas Semiconductor DS21352 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 137 page
background image
DS21352/DS21552
12 of 137
50
TDATA
I
Transmit Data
51
TSYSCLK
I
Transmit System Clock
52
TSSYNC
I
Transmit System Sync
53
TCHCLK
O
Transmit Channel Clock
54
CO
O
Carry Out
55
MUX
I
Bus Operation
56
D0/AD0
I/O
Data Bus Bit0/ Address/Data Bus Bit 0
57
D1/AD1
I/O
Data Bus Bit1/ Address/Data Bus Bit 1
58
D2/AD2
I/O
Data Bus Bit 2/Address/Data Bus 2
59
D3/AD3
I/O
Data Bus Bit 3/Address/Data Bus Bit 3
60
DVSS
–
Digital Signal Ground
61
DVDD
-
Digital Positive Supply
62
D4/AD4
I/O
Data Bus Bit4/Address/Data Bus Bit 4
63
D5/AD5
I/O
Data Bus Bit 5/Address/Data Bus Bit 5
64
D6/AD6
I/O
Data Bus Bit 6/Address/Data Bus Bit 6
65
D7/AD7
I/O
Data Bus Bit 7/Address/Data Bus Bit 7
66
A0
I
Address Bus Bit 0
67
A1
I
Address Bus Bit 1
68
A2
I
Address Bus Bit 2
69
A3
I
Address Bus Bit 3
70
A4
I
Address Bus Bit 4
71
A5
I
Address Bus Bit 5
72
A6
I
Address Bus Bit 6
73
ALE (AS)/A7
I
Address Latch Enable/Address Bus Bit 7
74
RD*(DS*)
I
Read Input(Data Strobe)
75
CS*
I
Chip Select
76
FMS
I
Framer Mode Select
77
WR*(R/W*)
I
Write Input(Read/Write)
78
RLINK
O
Receive Link Data
79
RLCLK
O
Receive Link Clock
80
DVSS
–
Digital Signal Ground
81
DVDD
–
Digital Positive Supply
82
RCLK
O
Receive Clock
83
DVDD
–
Digital Positive Supply
84
DVSS
–
Digital Signal Ground
85
RDATA
O
Receive Data
86
RPOSI
I
Receive Positive Data Input
87
RNEGI
I
Receive Negative Data Input
88
RCLKI
I
Receive Clock Input
Table 4-1 PIN DESCRIPTION SORTED BY PIN NUMBER (cont.)
PIN
SYMBOL
TYPE
DESCRIPTION
89
RCLKO
O
Receive Clock Output
90
RNEGO
O
Receive Negative Data Output
91
RPOSO
O
Receive Positive Data Output
92
RCHCLK
O
Receive Channel Clock
93
RSIGF
O
Receive Signaling Freeze Output
94
RSIG
O
Receive Signaling Output
95
RSER
O
Receive Serial Data
96
RMSYNC
O
Receive Multiframe Sync
97
RFSYNC
O
Receive Frame Sync
98
RSYNC
I/O
Receive Sync
99
RLOS/LOTC
O
Receive Loss Of Sync/ Loss Of Transmit Clock
100
RSYSCLK
I
Receive System Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com