Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 69 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 69 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 65Page - Dallas Semiconductor DS21352 Datasheet HTML 66Page - Dallas Semiconductor DS21352 Datasheet HTML 67Page - Dallas Semiconductor DS21352 Datasheet HTML 68Page - Dallas Semiconductor DS21352 Datasheet HTML 69Page - Dallas Semiconductor DS21352 Datasheet HTML 70Page - Dallas Semiconductor DS21352 Datasheet HTML 71Page - Dallas Semiconductor DS21352 Datasheet HTML 72Page - Dallas Semiconductor DS21352 Datasheet HTML 73Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 137 page
background image
DS21352/DS21552
69 of 137
Like the SR1 and SR2 status registers, the HSR register has the unique ability to initiate a hardware
interrupt via the INT* output pin. Each of the events in the HSR can be either masked or unmasked from
the interrupt pin via the HDLC Interrupt Mask Register (HIMR). Interrupts will force the INT* pin low
when the event occurs. The INT pin will be allowed to return high (if no other interrupts are present)
when the user reads the event bit that caused the interrupt to occur.
15.3.3 BASIC OPERATION DETAILS
To allow the framer to properly source/receive data from/to the HDLC and BOC controller the legacy FDL circuitry (which is
described in Section 15.4) should be disabled and the following bits should be programmed as shown:
TCR1.2 = 1 (source FDL data from the HDLC and BOC controller)
TBOC.6 = 1 (enable HDLC and BOC controller)
CCR2.5 = 0 (disable SLC–96 and D4 Fs–bit insertion)
CCR2.4 = 0 (disable legacy FDL zero stuffer)
CCR2.1 = 0 (disable SLC–96 reception)
CCR2.0 = 0 (disable legacy FDL zero stuffer)
IMR2.4 = 0 (disable legacy receive FDL buffer full interrupt)
IMR2.3 = 0 (disable legacy transmit FDL buffer empty interrupt)
IMR2.2 = 0 (disable legacy FDL match interrupt)
IMR2.1 = 0 (disable legacy FDL abort interrupt).
As a basic guideline for interpreting and sending both HDLC messages and BOC messages, the following sequences can be
applied:
15.3.3.1 RECEIVE AN HDLC MESSAGE OR A BOC
1) Enable RBOC and RPS interrupts.
2) Wait for interrupt to occur.
3) If RBOC=1, then follow steps 5 and 6.
4) If RPS=1, then follow steps 7 through 13.
5) If LBD=1, a BOC is present, then read the code from the RBOC register and take action as needed.
6) If BD=0, a BOC has ceased, take action as needed and then return to step 1.
7) Disable RPS interrupt and enable either RPE, RNE, or RHALF interrupt.
8) Read RHIR to obtain REMPTY status.
a) If REMPTY=0, then record OBYTE, CBYTE, and POK bits and then read the FIFO.
i)
If CBYTE=0 then skip to step 9.
ii) If CBYTE=1 then skip to step 11.
b) If REMPTY=1, then skip to step 10.
9) Repeat step 8.
10) Wait for interrupt, skip to step 8.
11) If POK=0, then discard whole packet.
12) If POK=1, accept the packet.
13) Disable RPE, RNE, or RHALF interrupt, enable RPS interrupt and return to step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com