Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 19Page - Dallas Semiconductor DS21352 Datasheet HTML 20Page - Dallas Semiconductor DS21352 Datasheet HTML 21Page - Dallas Semiconductor DS21352 Datasheet HTML 22Page - Dallas Semiconductor DS21352 Datasheet HTML 23Page - Dallas Semiconductor DS21352 Datasheet HTML 24Page - Dallas Semiconductor DS21352 Datasheet HTML 25Page - Dallas Semiconductor DS21352 Datasheet HTML 26Page - Dallas Semiconductor DS21352 Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 137 page
background image
DS21352/DS21552
23 of 137
4.1.4 JTAG TEST ACCESS PORT PINS
Signal Name:
JTRST
Signal Description:
IEEE 1149.1 Test Reset
Signal Type:
Input
If FMS = 1: JTAG functionality is not available and JTRST is held LOW internally.
If FMS = 0: JTAG functionality is available and JTRST is pulled up internally by a 10kΩ resistor.
If FMS = 0 and boundary scan is not used, this pin should be held low. This signal is used to asynchronously reset the test
access port controller. The device operates as a T1/E1 transceiver if JTRST is pulled low.
Signal Name:
JTMS
Signal Description:
IEEE 1149.1 Test Mode Select
Signal Type:
Input
This pin is sampled on the rising edge of JTCLK and is used to place the test access port into the various defined IEEE 1149.1
states. This pin has a 10k pull up resistor.
Signal Name:
JTCLK
Signal Description:
IEEE 1149.1 Test Clock Signal
Signal Type:
Input
This signal is used to shift data into JTDI on the rising edge and out of JTDO on the falling edge.
Signal Name:
JTDI
Signal Description:
IEEE 1149.1 Test Data Input
Signal Type:
Input
Test instructions and data are clocked into this pin on the rising edge of JTCLK. This pin has a 10k pull up resistor.
Signal Name:
JTDO
Signal Description:
IEEE 1149.1 Test Data Output
Signal Type:
Output
Test instructions and data are clocked out of this pin on the falling edge of JTCLK. If not used, this pin should be left
unconnected.
4.1.5 INTERLEAVE BUS OPERATION PINS
Signal Name:
CI
Signal Description:
Carry In
Signal Type:
Input
A rising edge on this pin causes RSER and RSIG to come out of high Z state and TSER and TSIG to start sampling on the next
rising edge of RSYSCLK/TSYSCLK beginning an I/O sequence of 8 or 256 bits of data. This pin has a 10k pull up resistor.
Signal Name:
CO
Signal Description:
Carry Out
Signal Type:
Output
An output that is set high when the last bit of the 8 or 256 IBO output sequence has occurred on RSER
and RSIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com