Electronic Components Datasheet Search
  English  ▼

X  

DS21352 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS21352
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS21352 Datasheet HTML 20Page - Dallas Semiconductor DS21352 Datasheet HTML 21Page - Dallas Semiconductor DS21352 Datasheet HTML 22Page - Dallas Semiconductor DS21352 Datasheet HTML 23Page - Dallas Semiconductor DS21352 Datasheet HTML 24Page - Dallas Semiconductor DS21352 Datasheet HTML 25Page - Dallas Semiconductor DS21352 Datasheet HTML 26Page - Dallas Semiconductor DS21352 Datasheet HTML 27Page - Dallas Semiconductor DS21352 Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 137 page
background image
DS21352/DS21552
24 of 137
4.1.6 LINE INTERFACE PINS
Signal Name:
MCLK
Signal Description:
Master Clock Input
Signal Type:
Input
A 1.544 MHz (50 ppm) clock source with TTL levels is applied at this pin. This clock is used internally for both clock/data
recovery and for jitter attenuation. A quartz crystal of 1.544 MHz may be applied across MCLK and XTALD instead of the
TTL level clock source.
Signal Name:
XTALD
Signal Description:
Quartz Crystal Driver
Signal Type:
Output
A quartz crystal of 1.544 MHz may be applied across MCLK and XTALD instead of a TTL level clock source at MCLK.
Leave open circuited if a TTL clock source is applied at MCLK.
Signal Name:
8XCLK
Signal Description:
Eight Times Clock
Signal Type:
Output
A 12.352 MHz clock that is locked to the 1.544 MHz clock provided from the clock/data recovery block (if the jitter attenuator
is enabled on the receive side) or from the TCLKI pin (if the jitter attenuator is enabled on the transmit side). Can be internally
disabled by writing a 08h to TEST2.3 if not needed.
Signal Name:
LIUC
Signal Description:
Line Interface Connect
Signal Type:
Input
Tie low to separate the line interface circuitry from the framer/formatter circuitry and activate the
TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/ RCLKI pins. Tie high to connect the line interface circuitry to the framer/formatter
circuitry and deactivate the TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins. When LIUC is tied high, the
TPOSI/TNEGI/TCLKI/ RPOSI/RNEGI/RCLKI pins should be tied low.
Signal Name:
RTIP & RRING
Signal Description:
Receive Tip and Ring
Signal Type:
Input
Analog inputs for clock recovery circuitry. These pins connect via a 1:1 transformer to the T1 line. See Section 16 for details.
Signal Name:
TTIP & TRING
Signal Description:
Transmit Tip and Ring
Signal Type:
Output
Analog line driver outputs. These pins connect via a transformer to the T1 line. See Section 16 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com