Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 72 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 72 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 68Page - Zilog, Inc. ZLP32300 Datasheet HTML 69Page - Zilog, Inc. ZLP32300 Datasheet HTML 70Page - Zilog, Inc. ZLP32300 Datasheet HTML 71Page - Zilog, Inc. ZLP32300 Datasheet HTML 72Page - Zilog, Inc. ZLP32300 Datasheet HTML 73Page - Zilog, Inc. ZLP32300 Datasheet HTML 74Page - Zilog, Inc. ZLP32300 Datasheet HTML 75Page - Zilog, Inc. ZLP32300 Datasheet HTML 76Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
68
WDTMR(0F)0FH
Figure 45. Watchdog Timer Register ((0F) 0FH: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
WDT TAP INT RC OSC
00
5 ms min.
01*
10 ms min.
10
20 ms min.
11
80 ms min.
WDT During HALT
0OFF
1ON *
WDT During Stop
0OFF
1ON *
Reserved (Must be 0)
*Default setting after reset. Not Reset with a Stop Mode Recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com