Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 53 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 49Page - Zilog, Inc. ZLP32300 Datasheet HTML 50Page - Zilog, Inc. ZLP32300 Datasheet HTML 51Page - Zilog, Inc. ZLP32300 Datasheet HTML 52Page - Zilog, Inc. ZLP32300 Datasheet HTML 53Page - Zilog, Inc. ZLP32300 Datasheet HTML 54Page - Zilog, Inc. ZLP32300 Datasheet HTML 55Page - Zilog, Inc. ZLP32300 Datasheet HTML 56Page - Zilog, Inc. ZLP32300 Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
49
Stop Mode Recovery
Stop Mode Recovery Register (SMR)
This register selects the clock divide value and determines the mode of Stop Mode Recov-
ery (see Figure 31). All bits are write only except bit 7, which is read only. Bit 7 is a Flag
bit that is hardware set on the condition of Stop recovery and reset by a power-on cycle.
Bit 6 controls whether a low level or a high level at the XOR-gate input (see Figure 33 on
page 52) is required from the recovery source. Bit 5 controls the reset delay after recovery.
Bits D2, D3, and D4 of the SMR register specify the source of the Stop Mode Recovery
signal. Bits D0 determines if SCLK/TCLK are divided by 16 or not. The SMR is located
in Bank F of the Expanded Register Group at address 0Bh.
SMR(0F)0Bh
Figure 31. Stop Mode Recovery Register
D7
D6
D5
D4
D3
D2
D1
D0
SCLK/TCLK Divide-by-16
0 OFF * *
1 ON
Reserved (Must be 0)
Stop Mode Recovery Source
000 POR Only *
001 Reserved
010 P31
011 P32
100 P33
101 P27
110 P2 NOR 0-3
111 P2 NOR 0-7
Stop Delay
0 OFF
1 ON * * * *
Stop Recovery Level * * *
0 Low *
1 High
Stop Flag
0 POR *
1 Stop Recovery * *
*Default after Power-On Reset or Watchdog Reset
* *Default setting after Reset and Stop Mode Recovery.
* * *At the XOR gate input
* * * *Default setting after reset. Must be 1 if using a crystal or resonator clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com