Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 44 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 40Page - Zilog, Inc. ZLP32300 Datasheet HTML 41Page - Zilog, Inc. ZLP32300 Datasheet HTML 42Page - Zilog, Inc. ZLP32300 Datasheet HTML 43Page - Zilog, Inc. ZLP32300 Datasheet HTML 44Page - Zilog, Inc. ZLP32300 Datasheet HTML 45Page - Zilog, Inc. ZLP32300 Datasheet HTML 46Page - Zilog, Inc. ZLP32300 Datasheet HTML 47Page - Zilog, Inc. ZLP32300 Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
40
T16 TRANSMIT Mode
In NORMAL or PING-PONG mode, the output of T16 when not enabled, is dependent on
CTR1, D0. If it is a 0, T16_OUT is a 1; if it is a 1, T16_OUT is 0. You can force the output
of T16 to either a 0 or 1 whether it is enabled or not by programming CTR1 D3; D2 to a 10
or 11.
When T16 is enabled, TC16H * 256 + TC16L is loaded, and T16_OUT is switched to its
initial value (CTR1, D0). When T16 counts down to 0, T16_OUT is toggled (in NOR-
MAL or PING-PONG mode), an interrupt (CTR2, D1) is generated (if enabled), and a sta-
tus bit (CTR2, D5) is set, see Figure 23.
Figure 23. 16-Bit Counter/Timer Circuits
Global interrupts override this function as described in Interrupts on page 43.
If T16 is in SINGLE-PASS mode, it is stopped at this point (see Figure 24). If it is in
MODULO-N mode, it is loaded with TC16H * 256 + TC16L, and the counting continues
(see Figure 25).
You can modify the values in TC16H and TC16L at any time. The new values take effect
when they are loaded.
CTR2 D1
Negative Edge
Positive Edge
Z8 Data Bus
IRQ3
CTR2 D2
SCLK
Z8 Data Bus
CTR2 D4, D3
Clock
T16_OUT
LO16
TC16H
TC16L
Clock
Select
16-Bit
Counter T16
HI16
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com