Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 22 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 18Page - Zilog, Inc. ZLP32300 Datasheet HTML 19Page - Zilog, Inc. ZLP32300 Datasheet HTML 20Page - Zilog, Inc. ZLP32300 Datasheet HTML 21Page - Zilog, Inc. ZLP32300 Datasheet HTML 22Page - Zilog, Inc. ZLP32300 Datasheet HTML 23Page - Zilog, Inc. ZLP32300 Datasheet HTML 24Page - Zilog, Inc. ZLP32300 Datasheet HTML 25Page - Zilog, Inc. ZLP32300 Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
18
Comparator Inputs
In ANALOG mode, P31 and P32 have a comparator front end. The comparator reference
is supplied to P33 and Pref1. In this mode, the P33 internal data latch and its correspond-
ing IRQ1 are diverted to the SMR sources (excluding P31, P32, and P33) as displayed in
Figure 10 on page 15. In DIGITAL mode, P33 is used as D3 of the Port 3 input register,
which then generates IRQ1.
Comparators are powered down by entering STOP mode. For P31–P33 to be used in a
Stop Mode Recovery source, these inputs must be placed into DIGITAL mode.
Comparator Outputs
These channels can be programmed to be output on P34 and P37 through the PCON regis-
ter.
RESET (Input, Active Low)
Reset initializes the MCU and is accomplished either through Power-On, Watchdog
Timer, Stop Mode Recovery, Low-Voltage detection, or external reset. During Power-On
Reset and Watchdog Timer Reset, the internally generated reset drives the reset pin Low
for the POR time. Any devices driving the external reset line must be open-drain to avoid
damage from a possible conflict during reset conditions. Pull-up is provided internally.
When the ZLP32300 asserts (Low) the RESET pin, the internal pull-up is disabled. The
ZLP32300 does not assert the RESET pin when under VBO.
The external Reset does not initiate an exit from STOP mode.
Note:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com