Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 15Page - Zilog, Inc. ZLP32300 Datasheet HTML 16Page - Zilog, Inc. ZLP32300 Datasheet HTML 17Page - Zilog, Inc. ZLP32300 Datasheet HTML 18Page - Zilog, Inc. ZLP32300 Datasheet HTML 19Page - Zilog, Inc. ZLP32300 Datasheet HTML 20Page - Zilog, Inc. ZLP32300 Datasheet HTML 21Page - Zilog, Inc. ZLP32300 Datasheet HTML 22Page - Zilog, Inc. ZLP32300 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
15
Figure 10. Port 3 Configuration
Two on-board comparators process analog signals on P31 and P32, with reference to the
voltage on Pref1 and P33. The Analog function is enabled by programming the Port 3
Mode Register (bit 1). P31 and P32 are programmable as rising, falling, or both edge trig-
gered interrupts (IRQ register bits 6 and 7). Pref1 and P33 are the comparator reference
voltage inputs. Access to the Counter Timer edge-detection circuit is through P31 or P20
-
ZLP32300
OTP
Port 3 (I/O)
P32 (AN2)
P31 (AN1)
Pref1
From Stop Mode Recovery Source of SMR
P33 (REF2)
IRQ2, P31 Data Latch
Pref1/P30
P31
P32
P33
P34
P35
P36
P37
D1
1 = Analog
0 = Digital
R247 = P3M
+
-
+
IRQ0, P32 Data Latch
IRQ1, P33 Data Latch
Comp
1
Comp2
Dig.
An.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com