Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 62 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 58Page - Zilog, Inc. ZLP32300 Datasheet HTML 59Page - Zilog, Inc. ZLP32300 Datasheet HTML 60Page - Zilog, Inc. ZLP32300 Datasheet HTML 61Page - Zilog, Inc. ZLP32300 Datasheet HTML 62Page - Zilog, Inc. ZLP32300 Datasheet HTML 63Page - Zilog, Inc. ZLP32300 Datasheet HTML 64Page - Zilog, Inc. ZLP32300 Datasheet HTML 65Page - Zilog, Inc. ZLP32300 Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
58
Voltage Brownout/Standby
An on-chip Voltage Comparator checks that the VDD is at the required level for correct
operation of the device. Reset is globally driven when VDD falls below VBO. A small drop
in VDD causes the XTAL1 and XTAL2 circuitry to stop the crystal or resonator clock. If
the VDD is allowed to stay above VRAM, the RAM content is preserved. When the power
level is returned to above VBO, the device performs a POR and functions normally.
Low-Voltage Detection
Low-Voltage Detection Register—LVD(D)0Ch
Voltage detection does not work at STOP mode.
Do not modify register P01M while checking a low-voltage condition. Switching noise of
both Ports 0 and 1 together might trigger the LVD Flag.
Table 16. EPROM Selectable Options
Port 00–03 Pull-Ups
ON/OFF
Port 04–07 Pull-Ups
ON/OFF
Port 10–13 Pull-Ups
ON/OFF
Port 14–17 Pull-Ups
ON/OFF
Port 20–27 Pull-Ups
ON/OFF
EPROM Protection
ON/OFF
Watchdog Timer at Power-On Reset ON/OFF
Field
Bit Position
Description
LVD
76543---
Reserved
No Effect
-----2--
R
1
0*
HVD Flag set
HVD Flag reset
------1-
R
1
0*
LVD Flag set
LVD Flag reset
-------0
R/W 1
0*
Enable VD
Disable VD
*Default after POR
Note:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com