Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 29Page - Zilog, Inc. ZLP32300 Datasheet HTML 30Page - Zilog, Inc. ZLP32300 Datasheet HTML 31Page - Zilog, Inc. ZLP32300 Datasheet HTML 32Page - Zilog, Inc. ZLP32300 Datasheet HTML 33Page - Zilog, Inc. ZLP32300 Datasheet HTML 34Page - Zilog, Inc. ZLP32300 Datasheet HTML 35Page - Zilog, Inc. ZLP32300 Datasheet HTML 36Page - Zilog, Inc. ZLP32300 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
29
Table 8. CTR1(0D)01h T8 and T16 Common Functions
Field
Bit Position
Value
Description
Mode
7-------
R/W
0*
1
TRANSMIT Mode
DEMODULATION Mode
P36_Out/
Demodulator_Input
-6------
R/W
0*
1
0*
1
TRANSMIT Mode
Port Output
T8/T16 Output
DEMODULATION Mode
P31
P20
T8/T16_Logic/
Edge _Detect
--54----
R/W
00**
01
10
11
00**
01
10
11
TRANSMIT Mode
AND
OR
NOR
NAND
DEMODULATION Mode
Falling Edge
Rising Edge
Both Edges
Reserved
Transmit_Submode/
Glitch_Filter
----32--
R/W
00*
01
10
11
00*
01
10
11
TRANSMIT Mode
Normal Operation
PING-PONG Mode
T16_Out = 0
T16_Out = 1
DEMODULATION Mode
No Filter
4 SCLK Cycle
8 SCLK Cycle
Reserved
Initial_T8_Out/
Rising Edge
------1-
R/W
R
W
0*
1
0*
1
0
1
TRANSMIT Mode
T8_OUT is 0 Initially
T8_OUT is 1 Initially
DEMODULATION Mode
No Rising Edge
Rising Edge Detected
No Effect
Reset Flag to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com