Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 95 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 95 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 91Page - Zilog, Inc. ZLP32300 Datasheet HTML 92Page - Zilog, Inc. ZLP32300 Datasheet HTML 93Page - Zilog, Inc. ZLP32300 Datasheet HTML 94Page - Zilog, Inc. ZLP32300 Datasheet HTML 95Page - Zilog, Inc. ZLP32300 Datasheet HTML 96Page - Zilog, Inc. ZLP32300 Datasheet HTML 97Page - Zilog, Inc. ZLP32300 Datasheet HTML 98Page - Zilog, Inc. ZLP32300 Datasheet HTML 99Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Index
91
Index
Numerics
16-bit counter/timer circuits 40
20-pin DIP package diagram 80
20-pin SSOP package diagram 82
28-pin DIP package diagram 84
28-pin SOIC package diagram 83
28-pin SSOP package diagram 85
40-pin DIP package diagram 85
48-pin SSOP package diagram 86
8-bit counter/timer circuits 36
A
absolute maximum ratings 75
AC
characteristics 78
timing diagram 78
address spaces, basic 1
architecture 1
expanded register file 22
B
basic address spaces 1
block diagram, ZLP32300 functional 3
C
capacitance 76
characteristics
AC 78
DC 76
clock 46
comparator inputs/outputs 18
configuration
port 0 12
port 1 13
port 2 14
port 3 15
port 3 counter/timer 17
counter/timer
16-bit circuits 40
8-bit circuits 36
brown-out voltage/standby 58
clock 46
demodulation mode count capture flowchart 38
demodulation mode flowchart 39
EPROM selectable options 58
glitch filter circuitry 34
halt instruction 47
input circuit 33
interrupt block diagram 44
interrupt types, sources and vectors 45
oscillator configuration 46
output circuit 43
port configuration register 48
resets and WDT 57
SCLK circuit 50
stop instruction 47
stop mode recovery register 49
stop mode recovery register 2 54
stop mode recovery source 52
T16 demodulation mode 41
T16 transmit mode 40
T16_OUT in modulo-N mode 41
T16_OUT in single-pass mode 41
T8 demodulation mode 37
T8 transmit mode 34
T8_OUT in modulo-N mode 37
T8_OUT in single-pass mode 37
transmit mode flowchart 35
voltage detection and flags 59
watch-dog timer mode register 55
watch-dog timer time select 56
CTR(D)01h T8 and T16 Common Functions 29
D
DC characteristics 76
demodulation mode
count capture flowchart 38
flowchart 39
T16 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com