Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 22Page - Zilog, Inc. ZLP32300 Datasheet HTML 23Page - Zilog, Inc. ZLP32300 Datasheet HTML 24Page - Zilog, Inc. ZLP32300 Datasheet HTML 25Page - Zilog, Inc. ZLP32300 Datasheet HTML 26Page - Zilog, Inc. ZLP32300 Datasheet HTML 27Page - Zilog, Inc. ZLP32300 Datasheet HTML 28Page - Zilog, Inc. ZLP32300 Datasheet HTML 29Page - Zilog, Inc. ZLP32300 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
22
Figure 13. Expanded Register File Architecture
U U UUU UU 0
0 0 000 00 0
0 0 000 00 0
0 0 0 000 00
00
0F
7F
F0
FF
FF
SPL
0 0 0 000 00
U U U UUU UU
0 0 0 000 00
U U U UUU UU
U U U UUU UU
U U U UUU UU
1 1 1 111 11
0 0 0 000 00
1 1 0 011 11
U U U UUU UU
U U U UUU UU
U U U UUU UU
U U U UUU UU
U U U UUU UU
FE
SPH
FD
RP
FC
FLAGS
FB
IMR
FA
IRQ
F9
IPR
F8
P01M
F7
P3M
F6
P2M
F5
Reserved
F4
Reserved
F3
Reserved
F2
Reserved
F1
Reserved
F0
Reserved
D7 D6 D5 D4 D3 D2 D1 D0
U U 0 011 01
U 0 1 000 U 0
1 1 1 111 10
(F) 0F WDTMR
(F) 0E Reserved
(F) 0D SMR2
(F) 0C Reserved
(F) 0B SMR
(F) 0A Reserved
(F) 09 Reserved
(F) 08 Reserved
(F) 07 Reserved
(F) 06 Reserved
(F) 05 Reserved
(F) 04 Reserved
(F) 03 Reserved
(F) 02 Reserved
(F) 01 Reserved
(F) 00 PCON
7 6 543 21 0
Expanded Register
Bank Pointer
Working Register
U U UUU UU U
UU UU UU U U
0 0 000 000
(D) 0C
LVD
(D) 0B
HI8
(D) 0A
LO8
(D) 09
HI16
(D) 08
LO16
(D) 07
TC16H
(D) 06
TC16L
(D) 05
TC8H
(D) 04
TC8L
(D) 03
CTR3
(D) 02
CTR2
(D) 01
CTR1
(D) 00
CTR0
Group Pointer
Register File (Bank 0)**
0 0 011 11 1
*
*
0 0 000 00 0
0 0 000 00 0
0 0 000 00 0
0 0 000 00 0
0 0 000 00 0
0 0 000 00 0
0 0 000 00 0
0 0 000 00 0
U = Unknown
* Not reset with a Stop Mode Recovery. P1 reserved in 20 or 28-pin package.
** All addresses are in hexadecimal
↑ Is not reset with a Stop Mode Recovery, except Bit 0
↑↑ Bit 5 Is not reset with a Stop Mode Recovery
↑↑↑ Bits 5,4,3,2 not reset with a Stop Mode Recovery
↑↑↑↑ Bits 5 and 4 not reset with a Stop Mode Recovery
↑↑↑↑↑ Bits 5,4,3,2,1 not reset with a Stop Mode Recovery
Expanded Reg. Bank 0/Group (0)
*
(0) 03 P3
(0) 02 P2
(0) 01 P1
(0) 00 P0
0
U
U
U
U
↑↑↑↑↑
↑↑↑↑
↑↑↑
↑↑
*
*
*
*
*
*
*
*
*
*
*
Expanded Reg. Bank F/Group 0**
Expanded Reg. Bank 0/Group 15**
Register Pointer
Z8 Standard Control Registers
Expanded Reg. Bank D/Group 0
↑
Reset Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com