Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 42Page - Zilog, Inc. ZLP32300 Datasheet HTML 43Page - Zilog, Inc. ZLP32300 Datasheet HTML 44Page - Zilog, Inc. ZLP32300 Datasheet HTML 45Page - Zilog, Inc. ZLP32300 Datasheet HTML 46Page - Zilog, Inc. ZLP32300 Datasheet HTML 47Page - Zilog, Inc. ZLP32300 Datasheet HTML 48Page - Zilog, Inc. ZLP32300 Datasheet HTML 49Page - Zilog, Inc. ZLP32300 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
42
This T16 mode is generally used to measure space time, the length of time between bursts
of carrier signal (marks).
If D6 of CTR2 Is 1
T16 ignores the subsequent edges in the input signal and continues counting down. A tim-
eout of T8 causes T16 to capture its current value and generate an interrupt if enabled
(CTR2, D2). In this case, T16 does not reload and continues counting. If the D6 bit of
CTR2 is toggled (by writing a 0 then a 1 to it), T16 captures and reloads on the next edge
(rising, falling, or both depending on CTR1, D5; D4), continuing to ignore subsequent
edges.
This T16 mode generally measures mark time, the length of an active carrier signal burst.
If T16 reaches 0, T16 continues counting from FFFFh. Meanwhile, a status bit (CTR2 D5)
is set, and an interrupt timeout can be generated if enabled (CTR2 D1).
PING-PONG Mode
This operation mode is only valid in TRANSMIT mode. T8 and T16 must be programmed
in SINGLE-PASS mode (CTR0, D6; CTR2, D6), and PING-PONG mode must be pro-
grammed in CTR1, D3; D2. You can begin the operation by enabling either T8 or T16
(CTR0, D7 or CTR2, D7). For example, if T8 is enabled, T8_OUT is set to this initial
value (CTR1, D1). According to T8_OUT's level, TC8H or TC8L is loaded into T8. After
the terminal count is reached, T8 is disabled, and T16 is enabled. T16_OUT then switches
to its initial value (CTR1, D0), data from TC16H and TC16L is loaded, and T16 starts to
count. After T16 reaches the terminal count, it stops, T8 is enabled again, repeating the
entire cycle. Interrupts can be allowed when T8 or T16 reaches terminal control (CTR0,
D1; CTR2, D1). To stop the Ping-Pong operation, write 00 to bits D3 and D2 of CTR1, see
Figure 26.
Enabling Ping-Pong operation while the counter/timers are running might cause intermit-
tent counter/timer function. Disable the counter/timers and reset the status Flags before
instituting this operation.
Figure 26. PING-PONG Mode Diagram
Note:
TC8
Enable
Timeout
TC16
Ping-Pong
CTR1
Timeout
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com