Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 10Page - Zilog, Inc. ZLP32300 Datasheet HTML 11Page - Zilog, Inc. ZLP32300 Datasheet HTML 12Page - Zilog, Inc. ZLP32300 Datasheet HTML 13Page - Zilog, Inc. ZLP32300 Datasheet HTML 14Page - Zilog, Inc. ZLP32300 Datasheet HTML 15Page - Zilog, Inc. ZLP32300 Datasheet HTML 16Page - Zilog, Inc. ZLP32300 Datasheet HTML 17Page - Zilog, Inc. ZLP32300 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
10
Pin Functions
XTAL1 Crystal 1 (Time-Based Input)
This pin connects a parallel-resonant crystal or ceramic resonator to the on-chip oscillator
input. Additionally, an optional external single-phase clock can be coded to the on-chip
oscillator input.
XTAL2 Crystal 2 (Time-Based Output)
This pin connects a parallel-resonant crystal or ceramic resonant to the on-chip oscillator
output.
Input/Output Ports
The CMOS input buffer for each Port 0, 1, or 2 pin is always connected to the pin, even
when the pin is configured as an output. If the pin is configured as an open-drain output
and no external signal is applied, a High output state can cause the CMOS input buffer
to float. This might lead to excessive leakage current of more than 100
µA. To prevent
this leakage, connect the pin to an external signal with a defined logic level or ensure
its output state is Low, especially during STOP mode.
Internal pull-ups are disabled on any given pin or group of port pins when programmed
into output mode.
Port 0, 1, and 2 have both input and output capability. The input logic is always present
no matter whether the port is configured as input or output. When doing a READ in-
struction, the MCU reads the actual value at the input logic but not from the output buff-
er. In addition, the instructions of OR, AND, and XOR have the Read-Modify-Write
sequence. The MCU first reads the port, and then modifies the value and load back to
the port.
Precaution must be taken if the port is configured as open-drain output or if the port is
driving any circuit that makes the voltage different from the desired output logic. For
example, pins P00–P07 are not connected to anything else. If it is configured as
14
NC
30
NC
36
NC
Table 5. 40- and 48-Pin Configuration (Continued)
40-Pin PDIP No
48-Pin SSOP No
Symbol
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com