Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 35 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 35 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 31Page - Zilog, Inc. ZLP32300 Datasheet HTML 32Page - Zilog, Inc. ZLP32300 Datasheet HTML 33Page - Zilog, Inc. ZLP32300 Datasheet HTML 34Page - Zilog, Inc. ZLP32300 Datasheet HTML 35Page - Zilog, Inc. ZLP32300 Datasheet HTML 36Page - Zilog, Inc. ZLP32300 Datasheet HTML 37Page - Zilog, Inc. ZLP32300 Datasheet HTML 38Page - Zilog, Inc. ZLP32300 Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
31
Initial_T8_Out/Rising_Edge
In TRANSMIT mode, if 0, the output of T8 is set to 0 when it starts to count. If 1, the out-
put of T8 is set to 1 when it starts to count. When the counter is not enabled and this bit is
set to 1 or 0, T8_OUT is set to the opposite state of this bit. This ensures that when the
clock is enabled, a transition occurs to the initial state set by CTR1, D1.
In DEMODULATION mode, this bit is set to 1 when a rising edge is detected in the input
signal. In order to reset the mode, a 1 should be written to this location.
Initial_T16 Out/Falling _Edge
In TRANSMIT mode, if it is 0, the output of T16 is set to 0 when it starts to count. If it is
1, the output of T16 is set to 1 when it starts to count. This bit is effective only in Normal
or PING-PONG mode (CTR1, D3; D2). When the counter is not enabled and this bit is set,
T16_OUT is set to the opposite state of this bit. This ensures that when the clock is
enabled, a transition occurs to the initial state set by CTR1, D0.
In DEMODULATION mode, this bit is set to 1 when a falling edge is detected in the input
signal. In order to reset it, a 1 should be written to this location.
Modifying CTR1 (D1 or D0) while the counters are enabled causes unpredictable output
from T8/16_OUT.
CTR2 Counter/Timer 16 Control Register—CTR2(D)02h
Table 9 lists and briefly describes the fields for this register.
Table 9. CTR2(D)02h: Counter/Timer16 Control Register
Field
Bit Position
Value
Description
T16_Enable
7-------
R
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
Single/Modulo-N
-6------
R/W
0*
1
0
1
TRANSMIT Mode
Modulo-N
Single Pass
DEMODULATION Mode
T16 Recognizes Edge
T16 Does Not Recognize
Edge
Time_Out
--5-----
R
W
0*
1
0
1
No Counter Timeout
Counter Timeout
Occurred
No Effect
Reset Flag to 0
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com