Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 52 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 52 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 48Page - Zilog, Inc. ZLP32300 Datasheet HTML 49Page - Zilog, Inc. ZLP32300 Datasheet HTML 50Page - Zilog, Inc. ZLP32300 Datasheet HTML 51Page - Zilog, Inc. ZLP32300 Datasheet HTML 52Page - Zilog, Inc. ZLP32300 Datasheet HTML 53Page - Zilog, Inc. ZLP32300 Datasheet HTML 54Page - Zilog, Inc. ZLP32300 Datasheet HTML 55Page - Zilog, Inc. ZLP32300 Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
48
Port Configuration
Port Configuration Register
The Port Configuration (PCON) register (see Figure 30) configures the comparator output
on Port 3. It is located in the expanded register 2 at Bank F, location 00.
PCON(FH)00h
Figure 30. Port Configuration Register (PCON) (Write Only)
Comparator Output Port 3 (D0)
Bit 0 controls the comparator used in Port 3. A 1 in this location brings the comparator
outputs to P34 and P37, and a 0 releases the Port to its standard I/O configuration.
Port 1 Output Mode (D1)
Bit 1 controls the output mode of Port 1. A 1 in this location sets the output to push-pull,
and a 0 sets the output to open-drain.
Port 0 Output Mode (D2)
Bit 2 controls the output mode of Port 0. A 1 in this location sets the output to push-pull,
and a 0 sets the output to open-drain.
D7
D6
D5
D4
D3
D2
D1
D0
Comparator Output Port 3
0 P34, P37 Standard Output*
1 P34, P37 Comparator Output
Port 1
0: Open-Drain
1: Push-Pull*
Port 0
0: Open-Drain
1: Push-Pull*
Reserved (Must be 1)
* Default setting after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com