Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 41 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 37Page - Zilog, Inc. ZLP32300 Datasheet HTML 38Page - Zilog, Inc. ZLP32300 Datasheet HTML 39Page - Zilog, Inc. ZLP32300 Datasheet HTML 40Page - Zilog, Inc. ZLP32300 Datasheet HTML 41Page - Zilog, Inc. ZLP32300 Datasheet HTML 42Page - Zilog, Inc. ZLP32300 Datasheet HTML 43Page - Zilog, Inc. ZLP32300 Datasheet HTML 44Page - Zilog, Inc. ZLP32300 Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
37
Using the same instructions for stopping the counter/timers and setting the status bits is
not recommended.
Two successive commands are necessary. First, the counter/timers must be stopped. Sec-
ond, the status bits must be reset. These commands are required because it takes one
counter/timer clock interval for the initiated event to actually occur, see Figure 19 and
Figure 20.
Figure 19. T8_OUT in SINGLE-PASS Mode
Figure 20. T8_OUT in MODULO-N Mode
T8 DEMODULATION Mode
You must program TC8L and TC8H to FFh. After T8 is enabled, when the first edge (ris-
ing, falling, or both depending on CTR1, D5; D4) is detected, it starts to count down.
When a subsequent edge (rising, falling, or both depending on CTR1, D5; D4) is detected
during counting, the current value of T8 is complemented and put into one of the capture
registers. If it is a positive edge, data is put into LO8; if it is a negative edge, data is put
into HI8. From that point, one of the edge detect status bits (CTR1, D1; D0) is set, and an
interrupt can be generated if enabled (CTR0, D2). Meanwhile, T8 is loaded with FFh and
starts counting again. If T8 reaches 0, the time-out status bit (CTR0, D5) is set, and an
Caution:
TC8H
Counts
Counter Enable Command;
T8_OUT Switches to Its
Initial Value (CTR1 D1)
T8_OUT Toggles;
Timeout Interrupt
Counter Enable Command;
T8_OUT Switches to Its
Initial Value (CTR1 D1)
Timeout
Interrupt
Timeout
Interrupt
T8_OUT
T8_OUT Toggles
TC8L
TC8H
TC8H
TC8L
TC8L
.. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com