Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 32Page - Zilog, Inc. ZLP32300 Datasheet HTML 33Page - Zilog, Inc. ZLP32300 Datasheet HTML 34Page - Zilog, Inc. ZLP32300 Datasheet HTML 35Page - Zilog, Inc. ZLP32300 Datasheet HTML 36Page - Zilog, Inc. ZLP32300 Datasheet HTML 37Page - Zilog, Inc. ZLP32300 Datasheet HTML 38Page - Zilog, Inc. ZLP32300 Datasheet HTML 39Page - Zilog, Inc. ZLP32300 Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
32
T16_Enable
This field enables T16 when set to 1.
Single/Modulo-N
In TRANSMIT mode, when set to 0, the counter reloads the initial value when it reaches
the terminal count. When set to 1, the counter stops when the terminal count is reached.
In DEMODULATION mode, when set to 0, T16 captures and reloads on detection of all
the edges. When set to 1, T16 captures and detects on the first edge but ignores the subse-
quent edges. For details, see T16 DEMODULATION Mode on page 41.
Time_Out
This bit is set when T16 times out (terminal count reached). To reset the bit, write a 1 to
this location.
T16_Clock
This bit defines the frequency of the input signal to Counter/Timer16.
Capture_INT_Mask
This bit is set to allow an interrupt when data is captured into LO16 and HI16.
Counter_INT_Mask
Set this bit to allow an interrupt when T16 times out.
T16 _Clock
---43---
R/W
00**
01
10
11
SCLK
SCLK/2
SCLK/4
SCLK/8
Capture_INT_Mask
-----2--
R/W
0**
1
Disable Data Capture Int.
Enable Data Capture Int.
Counter_INT_Mask
------1-
R/W
0
1
Disable Timeout Int.
Enable Timeout Int.
P35_Out
-------0
R/W
0*
1
P35 as Port Output
T16 Output on P35
*Indicates the value upon Power-On Reset.
**Indicates the value upon Power-On Reset. Not reset with a Stop Mode Recovery.
Table 9. CTR2(D)02h: Counter/Timer16 Control Register (Continued)
Field
Bit Position
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com