Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 36Page - Zilog, Inc. ZLP32300 Datasheet HTML 37Page - Zilog, Inc. ZLP32300 Datasheet HTML 38Page - Zilog, Inc. ZLP32300 Datasheet HTML 39Page - Zilog, Inc. ZLP32300 Datasheet HTML 40Page - Zilog, Inc. ZLP32300 Datasheet HTML 41Page - Zilog, Inc. ZLP32300 Datasheet HTML 42Page - Zilog, Inc. ZLP32300 Datasheet HTML 43Page - Zilog, Inc. ZLP32300 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
36
When T8 is enabled, the output T8_OUT switches to the initial value (CTR1, D1). If the
initial value (CTR1, D1) is 0, TC8L is loaded; otherwise, TC8H is loaded into the counter.
In SINGLE-PASS mode (CTR0, D6), T8 counts down to 0 and stops, T8_OUT toggles,
the time-out status bit (CTR0, D5) is set, and a time-out interrupt can be generated if it is
enabled (CTR0, D1). In MODULO-N mode, upon reaching terminal count, T8_OUT is
toggled, but no interrupt is generated. From that point, T8 loads a new count (if the
T8_OUT level now is 0), TC8L is loaded; if it is 1, TC8H is loaded. T8 counts down to 0,
toggles T8_OUT, and sets the time-out status bit (CTR0, D5), thereby generating an inter-
rupt if enabled (CTR0, D1). One cycle is thus completed. T8 then loads from TC8H or
TC8L according to the T8_OUT level and repeats the cycle, see Figure 18.
Figure 18. 8-Bit Counter/Timer Circuits
You can modify the values in TC8H or TC8L at any time. The new values take effect
when they are loaded.
To ensure known operation do not write these registers at the time the values are to be
loaded into the counter/timer. An initial count of 1 is not allowed (a non-function oc-
curs). An initial count of 0 causes TC8 to count from 0 to FFh to FEh.
The letter h denotes hexadecimal values.
Transition from 0 to FFh is not a timeout condition.
CTR0 D1
Negative Edge
Positive Edge
Z8 Data Bus
IRQ4
CTR0 D2
SCLK
Z8 Data Bus
CTR0 D4, D3
Clock
T8_OUT
LO8
TC8H
TC8L
Clock
Select
8-Bit
Counter T8
HI8
Caution:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com