Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 55 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 51Page - Zilog, Inc. ZLP32300 Datasheet HTML 52Page - Zilog, Inc. ZLP32300 Datasheet HTML 53Page - Zilog, Inc. ZLP32300 Datasheet HTML 54Page - Zilog, Inc. ZLP32300 Datasheet HTML 55Page - Zilog, Inc. ZLP32300 Datasheet HTML 56Page - Zilog, Inc. ZLP32300 Datasheet HTML 57Page - Zilog, Inc. ZLP32300 Datasheet HTML 58Page - Zilog, Inc. ZLP32300 Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
51
Source
---432--
W 000†
001
010
011
100
101
110
111
A. POR Only
B. NAND of P23–P20
C. NAND of P27–P20
D. NOR of P33–P31
E. NAND of P33–P31
F. NOR of P33–P31, P00, P07
G. NAND of P33–P31, P00, P07
H. NAND of P33–P31, P22–P20
Reserved
------10
00
Reserved (Must be 0)
*Port pins configured as outputs are ignored as an SMR recovery source.
†Indicates the value upon Power-On Reset.
Table 13. SMR2(F)0Dh:Stop Mode Recovery Register 2* (Continued)
Field
Bit Position
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com