Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 41Page - Zilog, Inc. ZLP32300 Datasheet HTML 42Page - Zilog, Inc. ZLP32300 Datasheet HTML 43Page - Zilog, Inc. ZLP32300 Datasheet HTML 44Page - Zilog, Inc. ZLP32300 Datasheet HTML 45Page - Zilog, Inc. ZLP32300 Datasheet HTML 46Page - Zilog, Inc. ZLP32300 Datasheet HTML 47Page - Zilog, Inc. ZLP32300 Datasheet HTML 48Page - Zilog, Inc. ZLP32300 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
41
Do not load these registers at the time the values are to be loaded into the counter/timer
to ensure known operation. An initial count of 1 is not allowed. An initial count of 0
causes T16 to count from 0 to FFFFh to FFFEh. Transition from 0 to FFFFh is not a tim-
eout condition.
Figure 24. T16_OUT in SINGLE-PASS Mode
Figure 25. T16_OUT in MODULO-N Mode
T16 DEMODULATION Mode
You must program TC16L and TC16H to FFh. After T16 is enabled, and the first edge
(rising, falling, or both depending on CTR1 D5; D4) is detected, T16 captures HI16 and
LO16, reloads, and begins counting.
If D6 of CTR2 Is 0
When a subsequent edge (rising, falling, or both depending on CTR1, D5; D4) is detected
during counting, the current count in T16 is complemented and put into HI16 and LO16.
When data is captured, one of the edge detect status bits (CTR1, D1; D0) is set, and an
interrupt is generated if enabled (CTR2, D2). T16 is loaded with FFFFh and starts again.
Caution:
TC16H*256+TC16L Counts
“Counter Enable” Command
T16_OUT Switches to Its
Initial Value (CTR1 D0)
T16_OUT Toggles,
Timeout Interrupt
TC16H*256+TC16L
TC16H*256+TC16L
TC16H*256+TC16L
T16_OUT Toggles,
Timeout Interrupt
T16_OUT Toggles,
Timeout Interrupt
“Counter Enable” Command,
T16_OUT Switches to Its
Initial Value (CTR1 D0)
TC16_OUT
.. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com