Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 25Page - Zilog, Inc. ZLP32300 Datasheet HTML 26Page - Zilog, Inc. ZLP32300 Datasheet HTML 27Page - Zilog, Inc. ZLP32300 Datasheet HTML 28Page - Zilog, Inc. ZLP32300 Datasheet HTML 29Page - Zilog, Inc. ZLP32300 Datasheet HTML 30Page - Zilog, Inc. ZLP32300 Datasheet HTML 31Page - Zilog, Inc. ZLP32300 Datasheet HTML 32Page - Zilog, Inc. ZLP32300 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
25
Figure 15. Register Pointer—Detail
Stack
The internal register file is used for the stack. An 8-bit Stack Pointer SPL (R255) is used
for the internal stack that resides in the general-purpose registers (R4–R239). SPH (R254)
can be used as a general-purpose register.
Timers
T8_Capture_HI—HI8(D)0Bh
This register holds the captured data from the output of the 8-bit Counter/Timer0. Typi-
cally, this register holds the number of counts when the input signal is 1.
Field
Bit Position
Description
T8_Capture_HI
[7:0]
R/W
Captured Data—No Effect
R7 R6 R5 R4 R3 R2 R1 R
The upper nibble of the register file address
provided by the register pointer specifies the
active working-register group.
Specified Working
Register Group
Register Group 1
Register Group 0
I/O Ports
R253
The lower nibble of the
register file address provided
by the instruction points to
the specified register.
* RP = 00: Selects Register Bank 0, Working Register Group 0
R15 to R0
R15 to R4 *
R3 to R0 *
FF
F0
EF
E0
DF
D0
40
3F
30
2F
20
1F
10
0F
00
Register Group 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com