Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 32 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 28Page - Zilog, Inc. ZLP32300 Datasheet HTML 29Page - Zilog, Inc. ZLP32300 Datasheet HTML 30Page - Zilog, Inc. ZLP32300 Datasheet HTML 31Page - Zilog, Inc. ZLP32300 Datasheet HTML 32Page - Zilog, Inc. ZLP32300 Datasheet HTML 33Page - Zilog, Inc. ZLP32300 Datasheet HTML 34Page - Zilog, Inc. ZLP32300 Datasheet HTML 35Page - Zilog, Inc. ZLP32300 Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
28
T8 Enable
This field enables T8 when set (written) to 1.
Single/Modulo-N
When set to 0 (Modulo-N), the counter reloads the initial value when the terminal count is
reached. When set to 1 (single-pass), the counter stops when the terminal count is reached.
Timeout
This bit is set when T8 times out (terminal count reached). To reset this bit, write a 1 to its
location.
Writing a 1 is the only way to reset the Terminal Count status condition. Reset this bit
before using/enabling the counter/timers. The first clock of T8 might not have complete
clock width and can occur any time when enabled.
Ensure to manipulate CTR0, bit 5 and CTR1, bits 0 and 1 (DEMODULATION mode)
when using the OR or AND commands. These instructions use a Read-Modify-Write
sequence in which the current status from the CTR0 and CTR1 registers is ORed or
ANDed with the designated value and then written back into the registers.
T8 Clock
These bits define the frequency of the input signal to T8.
Capture_INT_Mask
Set this bit to allow an interrupt when data is captured into either LO8 or HI8 upon a posi-
tive or negative edge detection in DEMODULATION mode.
Counter_INT_Mask
Set this bit to allow an interrupt when T8 has a timeout.
P34_Out
This bit defines whether P34 is used as a normal output pin or the T8 output.
T8 and T16 Common Functions—CTR1(0D)01h
This register controls the functions in common with the T8 and T16.
Table 8 lists and briefly describes the fields for this register.
Caution:
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com