Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 26Page - Zilog, Inc. ZLP32300 Datasheet HTML 27Page - Zilog, Inc. ZLP32300 Datasheet HTML 28Page - Zilog, Inc. ZLP32300 Datasheet HTML 29Page - Zilog, Inc. ZLP32300 Datasheet HTML 30Page - Zilog, Inc. ZLP32300 Datasheet HTML 31Page - Zilog, Inc. ZLP32300 Datasheet HTML 32Page - Zilog, Inc. ZLP32300 Datasheet HTML 33Page - Zilog, Inc. ZLP32300 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
26
T8_Capture_LO—L08(D)0Ah
This register holds the captured data from the output of the 8-bit Counter/Timer0.
Typically, this register holds the number of counts when the input signal is 0.
T16_Capture_HI—HI16(D)09h
This register holds the captured data from the output of the 16-bit Counter/Timer16. This
register holds the MS-Byte of the data.
T16_Capture_LO—L016(D)08h
This register holds the captured data from the output of the 16-bit Counter/Timer16. This
register holds the LS-Byte of the data.
Counter/Timer2 MS-Byte Hold Register—TC16H(D)07h
Counter/Timer2 LS-Byte Hold Register—TC16L(D)06h
Field
Bit Position
Description
T8_Capture_L0
[7:0]
R/W Captured Data—No Effect
Field
Bit Position
Description
T16_Capture_HI [7:0]
R/W Captured Data—No Effect
Field
Bit Position
Description
T16_Capture_LO [7:0]
R/W Captured Data—No Effect
Field
Bit Position
Description
T16_Data_HI
[7:0]
R/W Data
Field
Bit Position
Description
T16_Data_LO
[7:0]
R/W Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com