Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 80 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 80 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 76Page - Zilog, Inc. ZLP32300 Datasheet HTML 77Page - Zilog, Inc. ZLP32300 Datasheet HTML 78Page - Zilog, Inc. ZLP32300 Datasheet HTML 79Page - Zilog, Inc. ZLP32300 Datasheet HTML 80Page - Zilog, Inc. ZLP32300 Datasheet HTML 81Page - Zilog, Inc. ZLP32300 Datasheet HTML 82Page - Zilog, Inc. ZLP32300 Datasheet HTML 83Page - Zilog, Inc. ZLP32300 Datasheet HTML 84Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Electrical Characteristics
76
Capacitance
Table 18 lists the capacitances.
DC Characteristics
Table 19 describes the DC characteristics.
Table 18. Capacitance
Parameter
Maximum
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF
TA = 25 °C, VCC = GND = 0 V, f = 1.0 MHz, unmeasured
pins returned to GND
Table 19. DC Characteristics
TA= 0 °C to +70 °C
Units Conditions
Notes
Symbol Parameter
VCC
Min
Typ(7)
Max
VCC
Supply Voltage
2.0
3.6
V
See Notes
5
VCH
Clock Input High
Voltage
2.0-3.6
0.8 VCC
VCC+0.3 V
Driven by External
Clock Generator
VCL
Clock Input Low
Voltage
2.0-3.6
VSS–0.3
0.4
V
Driven by External
Clock Generator
VIH
Input High Voltage
2.0-3.6
0.7 VCC
VCC+0.3 V
VIL
Input Low Voltage
2.0-3.6
VSS–0.3
0.2 VCC V
VOH1
Output High Voltage 2.0-3.6
VCC–0.4
V
IOH = –0.5 mA
VOH2
Output High Voltage
(P36, P37, P00,
P01)
2.0-3.6
VCC–0.8
V
IOH = –7 mA
VOL1
Output Low Voltage 2.0-3.6
0.4
V
IOL = 4.0 mA
VOL2
Output Low Voltage
(P00, P01, P36,
P37)
2.0-3.6
0.8
V
IOL = 10 mA
VOFFSET Comparator Input
Offset Voltage
2.0-3.6
25
mV
VREF
Comparator
Reference
Voltage
2.0-3.6
0
VCC
-1.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com