Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 79 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 79 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 75Page - Zilog, Inc. ZLP32300 Datasheet HTML 76Page - Zilog, Inc. ZLP32300 Datasheet HTML 77Page - Zilog, Inc. ZLP32300 Datasheet HTML 78Page - Zilog, Inc. ZLP32300 Datasheet HTML 79Page - Zilog, Inc. ZLP32300 Datasheet HTML 80Page - Zilog, Inc. ZLP32300 Datasheet HTML 81Page - Zilog, Inc. ZLP32300 Datasheet HTML 82Page - Zilog, Inc. ZLP32300 Datasheet HTML 83Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Electrical Characteristics
75
Electrical Characteristics
Absolute Maximum Ratings
Stresses greater than those listed in Table 18 might cause permanent damage to the device.
This rating is a stress rating only. Functional operation of the device at any condition
above those indicated in the operational sections of these specifications is not implied.
Exposure to absolute maximum rating conditions for an extended period might affect
device reliability.
Standard Test Conditions
The characteristics listed in this product specification apply for standard test conditions as
noted. All voltages are referenced to GND. Positive current flows into the referenced pin
(see Figure 56).
Figure 56. Test Load Diagram
Table 17. Absolute Maximum Ratings
Parameter
Minimum Maximum Units
Notes
Ambient temperature under bias
0
+70
C
Storage temperature
–65
+150
C
Voltage on any pin with respect to VSS
–0.3
+5.5
V
1
Voltage on VDD pin with respect to VSS
–0.3
+3.6
V
Maximum current on input and/or inactive output pin
–5
+5
µA
Maximum output current from active output pin
–25
+25
mA
Maximum current into VDD or out of VSS
75
mA
1This voltage applies to all pins except the following: VDD, P32, P33 and RESET.
From Output
Under Test
150 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com