Electronic Components Datasheet Search
  English  ▼

X  

ZLP32300 Datasheet(PDF) 15 Page - Zilog, Inc.

Part # ZLP32300
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300 Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button ZLP32300 Datasheet HTML 11Page - Zilog, Inc. ZLP32300 Datasheet HTML 12Page - Zilog, Inc. ZLP32300 Datasheet HTML 13Page - Zilog, Inc. ZLP32300 Datasheet HTML 14Page - Zilog, Inc. ZLP32300 Datasheet HTML 15Page - Zilog, Inc. ZLP32300 Datasheet HTML 16Page - Zilog, Inc. ZLP32300 Datasheet HTML 17Page - Zilog, Inc. ZLP32300 Datasheet HTML 18Page - Zilog, Inc. ZLP32300 Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
11
open-drain output with output logic as ONE, it is a floating port and reads back as
ZERO. The following instruction sets P00-P07 all Low.
AND P0,#%F0
Port 0 (P00–P07)
Port 0 is an 8-bit, bidirectional, CMOS-compatible port. These eight I/O lines are config-
ured under software control as a nibble I/O port. The output drivers are push-pull or open-
drain controlled by bit D2 in the PCON register.
If one or both nibbles are needed for I/O operation, they must be configured by writing to
the Port 01 mode register (P01M). After a hardware reset or Stop Mode Recovery, Port 0
is configured as an input port.
An optional pull-up transistor is available as a OTP option bit on all Port 0 bits with nibble
select.
The Port 0 direction is reset to be input following an SMR.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com