Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9891 Datasheet HTML 31Page - Analog Devices AD9891 Datasheet HTML 32Page - Analog Devices AD9891 Datasheet HTML 33Page - Analog Devices AD9891 Datasheet HTML 34Page - Analog Devices AD9891 Datasheet HTML 35Page - Analog Devices AD9891 Datasheet HTML 36Page - Analog Devices AD9891 Datasheet HTML 37Page - Analog Devices AD9891 Datasheet HTML 38Page - Analog Devices AD9891 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
REV. A
AD9891/AD9895
–35–
VD
HD
NOTES
1. SYNC RISING EDGE RESETS VD/HD AND COUNTERS TO ZERO.
2. SYNC POLARITY IS PROGRAMMABLE USING SYNCPOL REGISTER (ADDR x025).
3. DURING SYNC LOW, ALL INTERNAL COUNTERS ARE RESET AND VD/HD CAN BE SUSPENDED USING THE SYNCSUSPEND REGISTER (ADDR x026).
4. IF SYNCSUSPEND = 1, VERTICAL CLOCKS AND H1–H2, RG ARE HELD AT THEIR DEFAULT POLARITIES.
5. IF SYNCSUSPEND = 0, THEN ALL CLOCK OUTPUTS CONTINUE TO OPERATE NORMALLY UNTIL SYNC RESET EDGE.
SUSPEND
SYNC
H124, RG, V1–V4,
VSG, SUBCK
Figure 43. SYNC Timing to Synchronize AD989x with External Timing
VD
NOTES
1. INTERNAL H-COUNTER IS RESET 8 CLOCK CYCLES AFTER THE HD FALLING EDGE.
2. PxGA STEERING IS SYNCHRONIZED WITH THE RESET OF THE INTERNAL H-COUNTER (MOSAIC SEPARATE MODE IS SHOWN).
HD
XX
000
1
1
2
XX
111
0
0
3
XX
X1
1
00
X
X
PxGA GAIN
REGISTER
CLI
0123
4
5
6
7
89
10
11
12
13
14
01
2
3
02
3
XX
XX
XX
X
X
X
H-COUNTER
(PIXEL COUNTER)
3ns MIN
4
H-COUNTER
RESET
Figure 44. External VD/HD and Internal H-Counter Synchronization, SLAVE Mode
POWER-DOWN MODE OPERATION
The AD9891/AD9895 contain three different power-down
modes to optimize the overall power dissipation in a particular
application. Bits [1:0] of the OPRMODE Register control the
power-down state of the device:
OPR_MODE [1:0] = 00 = Normal Operation (full power)
OPR_MODE[1:0] = 01 = Power-Down 1 Mode
OPR_MODE[1:0] = 10 = Power-Down 2 Mode
OPR_MODE[1:0] = 11 = Power-Down 3 Mode (lowest
overall power)
Table XVI summarizes the operation of each power-down mode.
Note that in any mode, the OUT_CONT Register takes priority
over the power-down modes where the digital output states are
concerned. Power-Down 3 Mode has the lowest power consump-
tion, and it even powers down the crystal oscillator circuit
between CLI and CLO. Thus, if CLI and CLO are being used
with a crystal to generate the master clock, this circuit will be
powered down and there will be no clock signal. When returning
from Power-Down 3 Mode to normal operation, the timing core
must be reset at least 500 ms after the OPR_MODE Register is
written to. This will allow sufficient time for the crystal circuit
to settle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com