Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9891 Datasheet HTML 43Page - Analog Devices AD9891 Datasheet HTML 44Page - Analog Devices AD9891 Datasheet HTML 45Page - Analog Devices AD9891 Datasheet HTML 46Page - Analog Devices AD9891 Datasheet HTML 47Page - Analog Devices AD9891 Datasheet HTML 48Page - Analog Devices AD9891 Datasheet HTML 49Page - Analog Devices AD9891 Datasheet HTML 50Page - Analog Devices AD9891 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
REV. A
AD9891/AD9895
–47–
Table XXVII. HD/VD Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
0EB
[0]
1
00
MASTER
VD/HD Master or Slave Timing (0 = Slave,
1= Master)
0EC
[0]
100
VDHDPOL
VD/HD Active Polarity (0 = Low Active,
1= High Active)
0ED
[5:0]
6
09
VDRISE
VD Rising Edge Location (HD Location in Field)
0EE
[5:0]
6
07
VDLEN[5:0]
VD Field Length (Number of Lines per Field)
0EF
[4:0]
6
04
VDLEN[11:6]
0F0
[5:0]
6
33
HDRISE[5:0]
HD Rising Edge Location (Pixel Location in Line)
0F1
[5:0]
6
01
HDRISE[11:6]
0F2
[5:0]
6
38
HDLASTLEN[5:0]
HD Last Line Length (Number of Pixels in Last
Line of Field)
0F3
[5:0]
6
11
HDLASTLEN[11:6]
Table XXVIII. V1–V8 Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
0F4
[0]
1
00
VTPPOL0
Sequence #0: Start Polarity
0F5
[5:0]
6
05
VTPTOG1_0[5:0]
Sequence #0: Toggle Position 1
0F6
[5:0]
6
00
VTPTOG1_0[11:6]
0F7
[5:0]
6
12
VTPTOG2_0[5:0]
Sequence #0: Toggle Position 2
0F8
[5:0]
6
00
VTPTOG2_0[11:6]
0F9
[5:0]
6
3F
VTPTOG3_0[5:0]
Sequence #0: Toggle Position 3
0FA
[5:0]
6
3F
VTPTOG3_0[11:6]
0FB
[5:0]
624
VTPLEN0[5:0]
Sequence #0: Total Length
0FC
[3:0]
4
00
VTPLEN0[9:6]
0FD
[5:0]
6
03
VTPREP0[5:0]
Sequence #0: Repetitions
0FE
[11:6]
6
00
VTPREP0[11:6]
0FF
[0]
100
VTPPOL1
Sequence #1: Start Polarity
100
[5:0]
6
17
VTPTOG1_1[5:0]
Sequence #1: Toggle Position 1
101
[5:0]
6
00
VTPTOG1_1[11:6]
102
[5:0]
6
3F
VTPTOG2_1[5:0]
Sequence #1: Toggle Position 2
103
[5:0]
6
3F
VTPTOG2_1[11:6]
104
[5:0]
6
3F
VTPTOG3_1[5:0]
Sequence #1: Toggle Position 3
105
[5:0]
6
3F
VTPTOG3_1[11:6]
106
[5:0]
6
24
VTPLEN1[5:0]
Sequence #1: Total Length
107
[3:0]
4
00
VTPLEN1[9:6]
108
[5:0]
6
03
VTPREP1[5:0]
Sequence #1: Repetitions
109
[11:6]
6
00
VTPREP1[11:6]
10A
[0]
1
01
VTPPOL2
Sequence #2: Start Polarity
10B
[5:0]
6
16
VTPTOG1_2[5:0]
Sequence #2: Toggle Position 1
10C
[5:0]
6
02
VTPTOG1_2[11:6]
10D
[5:0]
6
2C
VTPTOG2_2[5:0]
Sequence #2: Toggle Position 2
10E
[5:0]
6
04
VTPTOG2_2[11:6]
10F
[5:0]
6
28
VTPTOG3_2[5:0]
Sequence #2: Toggle Position 3
110
[5:0]
6
05
VTPTOG3_2[11:6]
111
[5:0]
6
28
VTPLEN2[5:0]
Sequence #2: Total Length
112
[3:0]
4
05
VTPLEN2[9:6]
113
[5:0]
6
01
VTPREP2[5:0]
Sequence #2: Repetitions
114
[11:6]
6
00
VTPREP2[11:6]
115
[0]
1
01
VTPPOL3
Sequence #3: Start Polarity
116
[5:0]
6
1A
VTPTOG1_3[5:0]
Sequence #3: Toggle Position 1
117
[5:0]
6
01
VTPTOG1_3[11:6]
118
[5:0]
6
30
VTPTOG2_3[5:0]
Sequence #3: Toggle Position 2
119
[5:0]
6
03
VTPTOG2_3[11:6]
11A
[5:0]
6
2C
VTPTOG3_3[5:0]
Sequence #3: Toggle Position 3
11B
[5:0]
6
04
VTPTOG3_3[11:6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com