Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9891 Datasheet HTML 7Page - Analog Devices AD9891 Datasheet HTML 8Page - Analog Devices AD9891 Datasheet HTML 9Page - Analog Devices AD9891 Datasheet HTML 10Page - Analog Devices AD9891 Datasheet HTML 11Page - Analog Devices AD9891 Datasheet HTML 12Page - Analog Devices AD9891 Datasheet HTML 13Page - Analog Devices AD9891 Datasheet HTML 14Page - Analog Devices AD9891 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
REV. A
AD9891/AD9895
–11–
SYSTEM OVERVIEW
Figure 5 shows the typical system block diagram for the AD9891/
AD9895 used in Master Mode. The CCD output is processed by
the AD9891/AD9895’s AFE circuitry, which consists of a CDS,
PxGA, VGA, black level clamp, and an A/D converter. The digi-
tized pixel information is sent to the digital image processor chip,
which performs the post-processing and compression. To operate
the CCD, all CCD timing parameters are programmed into the
AD9891/AD9895 from the system microprocessor, through the
3-wire serial interface. From the system master clock, CLI, pro-
vided by the image processor or external crystal, the AD9891/
AD9895 generates all of the CCD’s horizontal and vertical clocks
and all internal AFE clocks. External synchronization is provided
by a SYNC pulse from the microprocessor, which will reset
internal counters and resync the VD and HD outputs.
CCDIN
MSHUT
STROBE
H1–H4, RG, VSUB
V1–V4, VSG1–VSG8, SUBCK
CCD
V-DRIVER
AD989x
DIGITAL
IMAGE
PROCESSING
ASIC
P
DOUT
DCLK
CLPOB/PBLK
LD/FD
HD, VD
CLI
SERIAL
INTERFACE
SYNC
Figure 5. Typical System Block Diagram, Master Mode
Alternatively, the AD9891/AD9895 may be operated in Slave
Mode, in which the VD and HD are provided externally from
the image processor. In this mode, all AD9891/AD9895 timing
will be synchronized with VD and HD.
The H-drivers for H1–H4 and RG are included in the AD9891/
AD9895, allowing these clocks to be directly connected to the CCD.
H-drive voltage of up to 5 V is supported. An external V-driver is
required for the vertical transfer clocks, the sensor gate pulses,
and the substrate clock.
The AD9891/AD9895 also includes programmable MSHUT
and STROBE outputs, which may be used to trigger mechani-
cal shutter and strobe (flash) circuitry.
Figure 6 shows the horizontal and vertical counter dimensions
for the AD9891/AD9895. All internal horizontal and vertical
clocking is programmed using these dimensions to specify line
and pixel locations.
12-BIT HORIZONTAL = 4096 PIXELS MAX
12-BIT VERTICAL = 4096 LINES MAX
MAXIMUM
FIELD
DIMENSIONS
Figure 6. Vertical and Horizontal Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com