Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9891 Datasheet HTML 44Page - Analog Devices AD9891 Datasheet HTML 45Page - Analog Devices AD9891 Datasheet HTML 46Page - Analog Devices AD9891 Datasheet HTML 47Page - Analog Devices AD9891 Datasheet HTML 48Page - Analog Devices AD9891 Datasheet HTML 49Page - Analog Devices AD9891 Datasheet HTML 50Page - Analog Devices AD9891 Datasheet HTML 51Page - Analog Devices AD9891 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
REV. A
–48–
AD9891/AD9895
Table XXVIII. V1–V8 Register Map (continued)
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
11C
[5:0]
6
2C
VTPLEN3[5:0]
Sequence #3: Total Length
11D
[3:0]
4
04
VTPLEN3[9:6]
11E
[5:0]
6
01
VTPREP3[5:0]
Sequence #3: Repetitions
11F
[11:6]
6
00
VTPREP3[11:6]
120
[0]
1
00
VTPPOL4
Sequence #4: Start Polarity
121
[5:0]
6
34
VTPTOG1_4[5:0]
Sequence #4: Toggle Position 1
122
[5:0]
6
02
VTPTOG1_4[11:6]
123
[5:0]
6
0A
VTPTOG2_4[5:0]
Sequence #4: Toggle Position 2
124
[5:0]
6
05
VTPTOG2_4[11:6]
125
[5:0]
6
06
VTPTOG3_4[5:0]
Sequence #4: Toggle Position 3
126
[5:0]
6
06
VTPTOG3_4[11:6]
127
[5:0]
6
06
VTPLEN4[5:0]
Sequence #4: Total Length
128
[3:0]
4
06
VTPLEN4[9:6]
129
[5:0]
6
01
VTPREP4[5:0]
Sequence #4: Repetitions
12A
[11:6]
6
00
VTPREP4[11:6]
12B
[0]
1
00
VTPPOL5
Sequence #5: Start Polarity
12C
[5:0]
6
12
VTPTOG1_5[5:0]
Sequence #5: Toggle Position 1
12D
[5:0]
6
03
VTPTOG1_5[11:6]
12E
[5:0]
6
2C
VTPTOG2_5[5:0]
Sequence #5: Toggle Position 2
12F
[5:0]
6
04
VTPTOG2_5[11:6]
130
[5:0]
6
28
VTPTOG3_5[5:0]
Sequence #5: Toggle Position 3
131
[5:0]
6
05
VTPTOG3_5[11:6]
132
[5:0]
6
28
VTPLEN5[5:0]
Sequence #5: Total Length
133
[3:0]
4
05
VTPLEN5[9:6]
134
[5:0]
6
01
VTPREP5[5:0]
Sequence #5: Repetitions
135
[11:6]
6
00
VTPREP5[11:6]
136
[0]
1
00
VTPPOL6
Sequence #6: Start Polarity
137
[5:0]
6
3F
VTPTOG1_6[5:0]
Sequence #6: Toggle Position 1
138
[5:0]
6
3F
VTPTOG1_6[11:6]
139
[5:0]
6
3F
VTPTOG2_6[5:0]
Sequence #6: Toggle Position 2
13A
[5:0]
6
3F
VTPTOG2_6[11:6]
13B
[5:0]
6
3F
VTPTOG3_6[5:0]
Sequence #6: Toggle Position 3
13C
[5:0]
6
3F
VTPTOG3_6[11:6]
13D
[5:0]
6
00
VTPLEN6[5:0]
Sequence #6: Total Length
13E
[3:0]
4
00
VTPLEN6[9:6]
13F
[5:0]
6
00
VTPREP6[5:0]
Sequence #6: Repetitions
140
[11:6]
6
00
VTPREP6[11:6]
141
[0]
1
00
VTPPOL7
Sequence #7: Start Polarity
142
[5:0]
6
3F
VTPTOG1_7[5:0]
Sequence #7: Toggle Position 1
143
[5:0]
6
3F
VTPTOG1_7[11:6]
144
[5:0]
6
3F
VTPTOG2_7[5:0]
Sequence #7: Toggle Position 2
145
[5:0]
6
3F
VTPTOG2_7[11:6]
146
[5:0]
6
3F
VTPTOG3_7[5:0]
Sequence #7: Toggle Position 3
147
[5:0]
6
3F
VTPTOG3_7[11:6]
148
[5:0]
6
00
VTPLEN7[5:0]
Sequence #7: Total Length
149
[3:0]
4
00
VTPLEN7[9:6]
14A
[5:0]
6
00
VTPREP7[5:0]
Sequence #7: Repetitions
14B
[11:6]
6
00
VTPREP7[11:6]
14C
[0]
100
VTPPOL8
Sequence #8: Start Polarity
14D
[5:0]
6
3F
VTPTOG1_8[5:0]
Sequence #9: Toggle Position 1
14E
[3:0]
4
3F
VTPTOG1_8[9:6]
14F
[5:0]
6
3F
VTPTOG2_8[5:0]
Sequence #8: Toggle Position 2
150
[3:0]
4
3F
VTPTOG2_8[9:6]
151
[5:0]
6
00
VTPLEN8[5:0]
Sequence #8: Total Length
152
[3:0]
4
00
VTPLEN8[9:6]
153
[5:0]
6
00
VTPREP8
Sequence #8: Repetitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com