Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9891 Datasheet HTML 45Page - Analog Devices AD9891 Datasheet HTML 46Page - Analog Devices AD9891 Datasheet HTML 47Page - Analog Devices AD9891 Datasheet HTML 48Page - Analog Devices AD9891 Datasheet HTML 49Page - Analog Devices AD9891 Datasheet HTML 50Page - Analog Devices AD9891 Datasheet HTML 51Page - Analog Devices AD9891 Datasheet HTML 52Page - Analog Devices AD9891 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
REV. A
AD9891/AD9895
–49–
Table XXVIII. V1–V8 Register Map (continued)
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
154
[0]
1
00
VTPPOL8
Sequence #9: Start Polarity
155
[5:0]
6
3F
VTPTOG1_9[5:0]
Sequence #9: Toggle Position 1
156
[3:0]
4
3F
VTPTOG1_9[9:6]
157
[5:0]
6
3F
VTPTOG2_9[5:0]
Sequence #9: Toggle Position 2
158
[3:0]
4
3F
VTPTOG2_9[9:6]
159
[5:0]
6
00
VTPLEN9[5:0]
Sequence #9: Total Length
15A
[3:0]
4
00
VTPLEN9[9:6]
15B
[5:0]
6
00
VTPREP9
Sequence #9: Repetitions
15C
[0]
100
VTPPOL10
Sequence #10: Start Polarity
15D
[5:0]
6
3F
VTPTOG1_10[5:0]
Sequence #10: Toggle Position 1
15E
[3:0]
4
3F
VTPTOG1_10[6:0]
15F
[5:0]
6
3F
VTPTOG2_10[5:0]
Sequence #10: Toggle Position 2
160
[3:0]
4
3F
VTPTOG2_10[9:6]
161
[5:0]
6
00
VTPLEN10[5:0]
Sequence #10: Total Length
162
[3:0]
4
00
VTPLEN10[9:6]
163
[5:0]
6
00
VTPREP10
Sequence #10: Repetitions
164
[0]
1
00
VTPPOL11
Sequence #11: Start Polarity
165
[5:0]
6
3F
VTPTOG1_11[5:0]
Sequence #11: Toggle Position 1
166
[3:0]
4
3F
VTPTOG1_11[9:6]
167
[5:0]
6
3F
VTPTOG2_11[5:0]
Sequence #11: Toggle Position 2
168
[3:0]
4
3F
VTPTOG2_11[9:6]
169
[5:0]
6
00
VTPLEN11[5:0]
Sequence #11: Total Length
16A
[3:0]
4
00
VTPLEN11[9:6]
16B
[5:0]
6
00
VTPREP11
Sequence #11: Repetitions
000
VTPRCP0
V Region-Change Position #0
(Hard-Coded to 0)
16C
[2:0]
3
00
VTPREGPTR0
V Region Pointer for Sequence-Change Position #0
16D
[5:0]
6
3F
VTPRCP1[5:0]
V Region-Change Position #1
16E
[5:0]
6
3F
VTPRCP1[11:6]
16F
[2:0]
3
00
VTPREGPTR1
V Region Pointer for Sequence-Change Position #1
170
[5:0]
6
3F
VTPRCP2[5:0]
V Region-Change Position #2
171
[5:0]
6
3F
VTPRCP2[11:6]
172
[2:0]
3
00
VTPREGPTR2
V Region Pointer for Sequence-Change Position #2
173
[5:0]
6
3F
VTPRCP3[5:0]
V Region-Change Position #3
174
[5:0]
6
3F
VTPRCP3[11:6]
175
[2:0]
3
00
VTPREGPTR3
V Region Pointer for Sequence-Change Position #3
176
[5:0]
6
3F
VTPRCP4[5:0]
V Region-Change Position #4
177
[5:0]
6
3F
VTPRCP4[11:6]
178
[2:0]
3
00
VTPREGPTR4
V Region Pointer for Sequence-Change Position #4
179
[5:0]
6
3F
VTPRCP5[5:0]
V Region-Change Position #5
17A
[5:0]
6
3F
VTPRCP5[11:6]
17B
[2:0]
3
00
VTPREGPTR5
V Region Pointer for Sequence-Change Position #5
17C
[5:0]
6
3F
VTPRCP6[5:0]
V Region-Change Position #6
17D
[5:0]
6
3F
VTPRCP6[11:6]
17E
[2:0]
3
00
VTPREGPTR6
V Region Pointer for Sequence-Change Position #6
17F
[5:0]
6
3F
VTPRCP7[5:0]
V Region-Change Position #7
180
[5:0]
6
3F
VTPRCP7[11:6]
181
[2:0]
3
00
VTPREGPTR7
V Region Pointer for Sequence-Change Position #7
182
[0]
1
00
SWEEP0
V Sweep for Region #0
183
[0]
1
00
MULTI0
V Multiplier for Region #0
184
[5:0]
6
30
HDLEN0[5:0]
Region #0 HD Line Length
185
[5:0]
6
23
HDLEN0[11:6]
186
[1:0]
2
00
HBLKSPTR0
HBLK Sequence for Region #0
187
[0]
1
00
VTPALT0
VTP Sequence Alternation for Region #0
188
[3:0]
4
00
V1SPTRFIRST0
V1 Sequence for Region #0 (1st Lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com