Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9891 Datasheet HTML 21Page - Analog Devices AD9891 Datasheet HTML 22Page - Analog Devices AD9891 Datasheet HTML 23Page - Analog Devices AD9891 Datasheet HTML 24Page - Analog Devices AD9891 Datasheet HTML 25Page - Analog Devices AD9891 Datasheet HTML 26Page - Analog Devices AD9891 Datasheet HTML 27Page - Analog Devices AD9891 Datasheet HTML 28Page - Analog Devices AD9891 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
REV. A
AD9891/AD9895
–25–
V1
V2
V1 USES SEQUENCE 0
V3
V4
HD
V2 USES SEQUENCE 0
V3 USES SEQUENCE 1
V4 USES SEQUENCE 1
V5
V6
V5 USES SEQUENCE 0
V7
V8
V6 USES SEQUENCE 0
V7 USES SEQUENCE 1
V8 USES SEQUENCE 1
ACTIVE
IMAGE
AREA
STORAGE
AREA
Figure 28. Example of Frame Transfer CCD Mode using V1–V8
The frame transfer CCD also requires additional timing control
when decimating the image for Preview Mode. The
AD9891/AD9895 contain registers to independently stop the
operation of the V5–V8 outputs while the V1–V4 outputs con-
tinue to run or to stop the V1–V4 outputs, while the V5–V8
outputs remain operational. The FREEZE and RESUME Regis-
ters specify the pixel locations within each line of a region where
the V1–V4 or V5–V8 clock outputs will start to hold their state,
and where they will resume normal operation. FREEZE and
RESUME can be used in any region during the frame readout.
Vertical Sensor Gate (Shift Gate) Timing
With an interline CCD, the vertical sensor gates (VSG) are used to
transfer the pixel charges from the light-sensitive image area into the
light-shielded vertical registers. When a mechanical shutter is not being
used, this transfer will effectively end the exposure period during the
image acquisition. From the light-shield vertical registers, the image
is then read out line-by-line by using the vertical transfer pulses
V1–V4 in conjunction with the high speed horizontal clocks.
VD
HD
PROGRAMMABLE SETTINGS FOR EACH SEQUENCE:
1: START POLARITY OF PULSE
3: 2ND TOGGLE POSITION
2: 1ST TOGGLE POSITION
4: ACTIVE LINE FOR VSG PULSE WITHIN THE FIELD
VSG1–VSG8
4
12
3
Figure 29. Vertical Sensor Gate Pulse Placement
Table XIII. Sensor Gate Register Parameters
Register
Length
Range
Description
SGPOL
1b
High/Low
Sensor Gate Starting Polarity for Sequence 0–3
SGTOG1
12b
0–4095 Pixel Location
First Toggle Position for Sequence 0–11
SGTOG2
12b
0–4095 Pixel Location
Second Toggle Position for Sequence 0–11
SGACTLINE
12b
0–4095 Pixel Location
Line in Field where VSG1–VSG8 Are Active
SGSEL
2b
Sequence 0–3
Selects Sequence 0–3 for VSG1–VSG8
SGMASK
8b
8 Individual Bits
Masking for any of VSG1–VSG8 Signals (0 = On, 1 = Mask)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com