Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9891 Datasheet HTML 29Page - Analog Devices AD9891 Datasheet HTML 30Page - Analog Devices AD9891 Datasheet HTML 31Page - Analog Devices AD9891 Datasheet HTML 32Page - Analog Devices AD9891 Datasheet HTML 33Page - Analog Devices AD9891 Datasheet HTML 34Page - Analog Devices AD9891 Datasheet HTML 35Page - Analog Devices AD9891 Datasheet HTML 36Page - Analog Devices AD9891 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
REV. A
AD9891/AD9895
–33–
PxGA GAIN REGISTER CODE
10
32
40
48
58
0
8
16
24
31
6
4
2
0
–2
–4
8
(100000)
(011111)
Figure 40. PxGA Gain Curve
VGA GAIN REGISTER CODE
36
0
0
1023
127
255
383
511
639
767
895
30
24
18
12
6
Figure 41. VGA Gain Curve (PxGA not included)
Variable Gain Amplifier
The VGA stage provides a gain range of 2 dB to 36 dB, pro-
grammable with 10-bit resolution through the serial digital
interface. Combined with approximately 4 dB from the PxGA
stage, the total gain range for the AD9891/AD9895 is 6 dB to
40 dB. The minimum gain of 6 dB is needed to match a 1 V
input signal with the ADC full-scale range of 2 V. When com-
pared to 1 V full-scale systems (such as ADI’s AD9803), the
equivalent gain range is 0 dB to 34 dB.
The VGA gain curve follows a “linear-in-dB” characteristic.
The exact VGA gain can be calculated for any gain register
value by using the equation:
Gain
Code
=×
+
(.
)
.
0 035
3 55
where the code range is 0 to 1023. PxGA default gain is included.
The gain accuracy specifications include the PxGA gain of
approximately 4 dB, for a total gain range of 6 dB to 40 dB.
Optical Black Clamp
The optical black clamp loop is used to remove residual offsets
in the signal chain and to track low frequency variations in the
CCD’s black level. During the optical black (shielded) pixel
interval on each line, the ADC output is compared with a fixed
black level reference selected by the user in the Clamp Level
Register. The clamp level is programmable in 256 steps, with a
range between 0 LSB and 63.75 LSB in the AD9891 and be-
tween 0 LSB and 255 LSB in the AD9895. The resulting error
signal is filtered to reduce noise, and the correction value is
applied to the ADC input through a D/A converter. Normally,
the optical black clamp loop is turned on once per horizontal
line, but this loop can be updated more slowly to suit a particu-
lar application. If external digital clamping is used during
the post- processing, the AD9891/AD9895 optical black
clamping may be disabled using Bit D5 in the Operation Regis-
ter (see Serial Interface Timing and Register Listing sections).
When the loop is disabled, the Clamp Level Register may still
be used to provide programmable offset adjustment.
The optical black clamp is controlled by the CLPOB signal,
which is fully programmable (see Horizontal Clamping and
Blanking section). System timing examples are shown in the
Horizontal Timing Sequence Example section. The CLPOB
pulse should be placed during the CCD’s optical black pixels. It
is recommended that the CLPOB pulse duration be at least
20 pixels wide. Shorter pulsewidths may be used, but the ability
to track low frequency variations in the black level will be
reduced.
A/D Converter
The AD9891 uses a high a performance 10-bit ADC archi-
tecture, optimized for high speed and low power, while the
AD9895 uses a 12-bit ADC architecture. Differential
nonlinearity (DNL) performance is typically better than
0.5 LSB for both products. The ADC uses a 2 V input range.
Better noise performance results from using a larger ADC full-
scale range.
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO “01230123” LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN “01230123” AND “23012301” LINES.
3. FLD STATUS IS IGNORED.
HD
02
02
02
0
0
2
13
13
13
13
20
31
20
31
X
X
PxGA GAIN
REGISTER
FLD
ODD FIELD
EVEN FIELD
Figure 39g. 4-Color 2-Color Steering Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com