| Electronic Components Datasheet Search |
|
AD9891 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9891 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 58 page ![]() REV. A –16– AD9891/AD9895 Table III. CLPOB, CLPDM, and PBLK Individual Sequence Parameters Register Length Range Description SPOL 1b High/Low Starting Polarity of Vertical Transfer Pulse for Sequences 0–3 TOG1 12b 0–4095 Pixel Location First Toggle Position within Line for Sequences 0–3 TOG2 12b 0–4095 Pixel Location Second Toggle Position within Line for Sequences 0–3 Table IV. HBLK Individual Sequence Parameters Register Length Range Description HBLKMASK 1b High/Low Masking Polarity for H1 for Sequences 0–3 (0 = H1 Low, 1 = H1 High) HBLKTOG1 12b 0–4095 Pixel Location First Toggle Position within Line for Sequences 0–3 HBLKTOG2 12b 0–4095 Pixel Location Second Toggle Position within Line for Sequences 0–3 Table V. Horizontal Sequence Control Parameters for CLPOB, CLPDM, and PBLK Register Length Range Description SCP1–SCP3 12b 0–4095 Line Number CLPOB/PBLK SCP to Define Horizontal Regions 0–3 SPTR0–SPTR3 2b 0–3 Sequence Number Sequence Pointer for Horizontal Regions 0–3 Table VI. Horizontal Sequence Control Parameters for HBLK Register Length Range Description VTPRCP1– 12b 0–4095 Line Number Vertical Region Change Positions (See Table IX.) VTPRCP7 HBLKSPTR0– 2b 0–3 Sequence Number Sequence Pointer for HBLK Regions 0–7 HBLKSPTR7 UP TO FOUR INDIVIDUAL HORIZONTAL CLAMP AND BLANKING REGIONS MAY BE PROGRAMMED WITH- IN A SINGLE FIELD, USING THE SEQUENCE CHANGE POSITIONS. SEQUENCE CHANGE POSITION #1 SEQUENCE CHANGE POSITION #2 SEQUENCE CHANGE POSITION #3 SINGLE FIELD (1 VD INTERVAL) CLAMP AND PBLK SEQUENCE REGION 1 SEQUENCE CHANGE POSITION #0 (V-COUNTER = 0) CLAMP AND PBLK SEQUENCE REGION 4 CLAMP AND PBLK SEQUENCE REGION 3 CLAMP AND PBLK SEQUENCE REGION 2 Figure 16. Clamp and Blanking Sequence Flexibility zontal sequences. Up to four SCPs are available to divide the readout into four separate regions, as shown in Figure 16. The SCP0 is always hard-coded to line 0, and SCP1–SCP3 are register programmable. During each region bound by the SCP, the SPTR Registers designate which sequence is used by each signal. CLPOB and CLPDM share the same SCP, PBLK has a separate set of SCP, and HBLK shares the vertical RCP (see Vertical Timing Generation section). For example, CLPSCP1 will define Region 0 for CLPOB and CLPDM, and in that region any of the four individual CLPOB and CLPDM sequences may be selected with the SPTR Registers. The next SCP defines a new region, and in that region each signal can be assigned to a different individual sequence. Be- cause HBLK shares the vertical RCP, there are up to eight regions where HBLK sequences may be changed using the eight HBLKSPTR Registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |