Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9891 Datasheet HTML 6Page - Analog Devices AD9891 Datasheet HTML 7Page - Analog Devices AD9891 Datasheet HTML 8Page - Analog Devices AD9891 Datasheet HTML 9Page - Analog Devices AD9891 Datasheet HTML 10Page - Analog Devices AD9891 Datasheet HTML 11Page - Analog Devices AD9891 Datasheet HTML 12Page - Analog Devices AD9891 Datasheet HTML 13Page - Analog Devices AD9891 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
REV. A
–10–
AD9891/AD9895–Typical Performance Characteristics
SAMPLE RATE – MHz
440
320
200
20
10
240
280
360
400
15
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
RGVDD = HVDD = 5.0V
TPC 1. AD9891 Power vs. Sample Rate
0
1000
400
200
600
800
0
–1.0
1.0
0.5
–0.5
TPC 2. AD9891 Typical DNL Performance
VGA GAIN CODE – LSB
4
2
0
0
1000
400
200
1
600
3
800
TPC 3. AD9891 Output Noise vs. VGA Gain
SAMPLE RATE – MHz
725
500
275
30
10
350
425
575
650
20
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
RGVDD = HVDD = 5.0V
TPC 4. AD9895 Power vs. Sample Rate
0
4000
1600
800
2400
3200
0
–1.0
1.0
0.5
–0.5
TPC 5. AD9895 Typical DNL Performance
VGA GAIN CODE –LSB
24
12
0
0
1000
400
200
6
600
18
800
15
3
9
21
TPC 6. AD9895 Output Noise vs. VGA Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com