Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9891 Datasheet HTML 33Page - Analog Devices AD9891 Datasheet HTML 34Page - Analog Devices AD9891 Datasheet HTML 35Page - Analog Devices AD9891 Datasheet HTML 36Page - Analog Devices AD9891 Datasheet HTML 37Page - Analog Devices AD9891 Datasheet HTML 38Page - Analog Devices AD9891 Datasheet HTML 39Page - Analog Devices AD9891 Datasheet HTML 40Page - Analog Devices AD9891 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
REV. A
AD9891/AD9895
–37–
V
H
USE SEQUENCE 2
USE SEQUENCE 3
SEQUENCE 2 (OPTIONAL)
HORIZONTAL CCD REGISTER
EFFECTIVE IMAGE AREA
28 DUMMY PIXELS
48 OB PIXELS
4 OB PIXELS
10 VERTICAL OB LINES
2 VERTICAL OB LINES
Figure 45. Example CCD Configuration
VERTICAL SHIFT
VERT SHIFT
SEQUENCE 1: VERTICAL BLANKING
CCDIN
SHP
SHD
H1/H3
H2/H4
HBLK
PBLK
CLPOB
CLPDM
DUMMY
INVALID PIXELS
INVALID PIX
CLPDM PULSE MAY BE USED DURING HORIZONTAL DUMMY PIXELS IF THE H-CLOCKS ARE USED DURING VERTICAL BLANKING.
Figure 46. Horizontal Sequences During Vertical Blanking
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 45 shows an example CCD layout. The horizontal regis-
ter contains 28 dummy pixels that will occur on each line
clocked from the CCD. In the vertical direction, there are 10
optical black (OB) lines at the front of the readout and two at
the back of the readout. The horizontal direction has four OB
pixels in the front and 48 in the back.
To configure the AD9891/AD9895 horizontal signals for this
CCD, three sequences can be used. Figure 46 shows the first
sequence to be used during vertical blanking. During this time,
there are no valid OB pixels from the sensor, so the CLPOB and
CLPDM signals are not used. In some cases, if the horizontal
clocks are used during this time, the CLPDM signal may be used
to keep the AD9891/AD9895’s input clamp partially settled.
PBLK may be enabled during this time because no valid data is
available.
Figure 47 shows the recommended sequence for the vertical OB
interval. The clamp signals are used across the whole lines in
order to stabilize the clamp loops of the AD9891/AD9895.
Figure 48 shows the recommended sequence for the effective
pixel readout. The 48 OB pixels at the end of each line are used
for the CLPOB and CLPDM signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com