| Electronic Components Datasheet Search |
|
AD9891 Datasheet(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9891 Datasheet(HTML) 15 Page - Analog Devices |
|
15 / 58 page ![]() REV. A AD9891/AD9895 –15– HORIZONTAL CLAMPING AND BLANKING The AD9891/AD9895’s horizontal clamping and blanking pulses are fully programmable to suit a variety of applications. As with the vertical timing generation, individual sequences are defined for each signal, which are then organized into multiple regions during image readout. This allows the dark pixel clamping and blanking patterns to be changed at each stage of the readout in order to accommodate different image transfer timing and high speed line shifts. Individual CLPOB, CLPDM, and PBLK Sequences The AFE horizontal timing consists of CLPOB, CLPDM, and PBLK, as shown in Figure 13. These three signals are indepen- dently programmed using the registers in Table III. SPOL is the start polarity for the signal, and TOG1 and TOG2 are the first and second toggle positions of the pulse. All three signals are active low and should be programmed accordingly. Up to four individual sequences can be created for each signal. To simplify the programming requirements, the CLPDM signal will track the CLPOB signal by default. If separate control of the CLPDM signal is desired, the SINGLE_CLAMP Register (Addr x031) should be set LOW. Individual HBLK Sequences The HBLK programmable timing shown in Figure 14 is similar to CLPOB, CLPDM, and PBLK. However, there is no start polarity control. Only the toggle positions are used to designate the start and the stop positions of the blanking period. Addition- ally, there is a polarity control, HBLKMASK, that designates the polarity of the horizontal clock signals H1–H4 during the blank- ing period. Setting HBLKMASK high will set H1 = H3 = Low and H2 = H4 = High during the blanking, as shown in Figure 15. Up to four individual sequences are available for HBLK. Horizontal Sequence Control The AD9891/AD9895 use sequence change positions (SCP) and sequence pointers (SPTR) to organize the individual hori- HD CLPOB CLPDM PBLK PROGRAMMABLE SETTINGS: 1: START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW) 2: 1ST TOGGLE POSITION 3: 2ND TOGGLE POSITION CLAMP CLAMP 12 3 Figure 13. Clamp and Preblank Pulse Placement HD HBLK PROGRAMMABLE SETTINGS: 1: 1ST TOGGLE POSITION = START OF BLANKING 2: 2ND TOGGLE POSITION = END OF BLANKING BLANK BLANK 12 Figure 14. Horizontal Blanking (HBLK) Pulse Placement HD HBLK THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1) H1/H3 H1/H3 H2/H4 Figure 15. HBLK Masking Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |