Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9891 Datasheet HTML 24Page - Analog Devices AD9891 Datasheet HTML 25Page - Analog Devices AD9891 Datasheet HTML 26Page - Analog Devices AD9891 Datasheet HTML 27Page - Analog Devices AD9891 Datasheet HTML 28Page - Analog Devices AD9891 Datasheet HTML 29Page - Analog Devices AD9891 Datasheet HTML 30Page - Analog Devices AD9891 Datasheet HTML 31Page - Analog Devices AD9891 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
REV. A
–28–
AD9891/AD9895
VD
SUBCK
MSHUT PROGRAMMABLE SETTINGS:
1: ACTIVE POLARITY
2: ON-POSITION IS VD UPDATED AND MAY BE SWITCHED ON AT ANY TIME
3: OFF-POSITION CAN BE PROGRAMMED ANYWHERE FROM THE FIELD OF LAST SUBCK UNTIL THE FIELD BEFORE READOUT
t
EXP
VSG1–
VSG8
MSHUT
3
1
2
Figure 33. MSHUT Output Programmability
VD
SUBCK
STROBE PROGRAMMABLE SETTINGS:
1: ACTIVE POLARITY
2: ON-POSITION WITH RESPECT TO TO FIELD OF LAST SUBCK
3: OFF-POSITION CAN BE PROGRAMMED ANYWHERE DURING THE EXPOSURE TIME
t
EXP
VSG1–
VSG8
STROBE
1
2
3
Figure 34. STROBE Output Programmability
Table XV. VSUB, MSHUT, and STROBE Register Parameters
Register
Length
Range
Description
TRIGGER
3b
On/Off for Three Signals
1-Bit Triggers for VSUB[0], MSHUT[1], and STROBE[2]
VSUBMODE
1b
HIGH/LOW
VSUB Mode (0 = Mode 0, 1 = Mode 1) (See Figure 27)
VSUBKEEPON
1b
HIGH/LOW
Sets VSUB to Stay Active after Readout When High
VSUBPOL
1b
HIGH/LOW
VSUB Active Polarity
VSUBON
12b
0–4095 Line Location
VSUB On Position. Active starting in any line of field.
MSHUTON
1b
ON/OFF
MSHUT Signal Enable (1 = Active or “Open”)
MSHUTONPOS_LN
12b
0–4095 Line Location
MSHUT Line Location
MSHUTONPOS_LN
12b
0–4095 Pixel Location
MSHUTON Pixel Location
MSHUTPOL
1b
HIGH/LOW
MSHUT Active Polarity
MSHUTOFF_FD
12b
0–4095 Field Location
Field Location to Switch OFF MSHUT. (Inactive or “Closed”)
MSHUTOFF_LN
12b
0–4095 Line Location
Line Location to Switch OFF MSHUT. (Inactive or “Closed”)
MSHUTOFF_PX
12b
0–4095 Pixel Location
Pixel Location to Switch OFF MSHUT. (Inactive or “Closed”)
STROBPOL
1b
HIGH/LOW
STROBE Active Polarity
STROBON_FD
12b
0–4095 Field Location
STROBE ON Field Location, with Respect to Last SUBCK Field
STROBON_LN
12b
0–4095 Line Location
STROBE ON Line Location
STROBON_PX
12b
0–4095 Pixel Location
STROBE ON Pixel Location
STROBOFF_FD
12b
0–4095 Field Location
STROBE OFF Field Location, with Respect to Last SUBCK Field
STROBOFF_LN
12b
0–4095 Line Location
STROBE OFF Location
STROBOFF_PX
12b
0–4095 Pixel Location
STROBE OFF Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com