Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9891 Datasheet HTML 39Page - Analog Devices AD9891 Datasheet HTML 40Page - Analog Devices AD9891 Datasheet HTML 41Page - Analog Devices AD9891 Datasheet HTML 42Page - Analog Devices AD9891 Datasheet HTML 43Page - Analog Devices AD9891 Datasheet HTML 44Page - Analog Devices AD9891 Datasheet HTML 45Page - Analog Devices AD9891 Datasheet HTML 46Page - Analog Devices AD9891 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
REV. A
AD9891/AD9895
–43–
Table XIX. AFE Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
00
[5:0]
6
10
OPRMODE[5:0]
AFE Operation Mode (See Table XXXI.)
01
[1:0]
2
00
OPRMODE[7:6]
02
[5:0]
6
05
CCDGAIN[5:0]
VGA Gain (Defaults to 2 dB)
03
[3:0]
4
01
CCDGAIN[9:6]
04
[5:0]
6
00
REFBLACK[5:0]
Black Clamp Level
05
[1:0]
2
02
REFBLACK[7:6]
06
[5:0]
600
CTLMODE
Control Mode (See Table XXXI.)
07
[5:0]
6
00
PXGA GAIN0
PxGA Color 0 Gain
08
[5:0]
6
00
PXGA GAIN1
PxGA Color 1 Gain
09
[5:0]
6
00
PXGA GAIN2
PxGA Color 2 Gain
0A
[5:0]
6
00
PXGA GAIN3
PxGA Color 3 Gain
Table XX. MISCELLANEOUS/EXTRA Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
010
[5:0]
6
00
INTIAL2
See Power-Up Sequence. Should be set to “4.”
017
[0]
1
00
SW_RESET
Software Reset (1 = Reset All Registers to Default)
018
[0]
1
00
OUT_CONT
Output Control (0 = Make All Outputs DC Inactive)
019
[5:0]
6
00
UPDATE[5:0]
Serial Data Update Control. Sets the line (HD)
within the field for the serial data update to occur.
01A
[5:0]
6
00
UPDATE[11:6]
01B
[0]
1
00
PREVENTUPDATE
Prevents the Update of the VD Updated Registers
01C
[0]
1
00
READBACK
Serial Interface Readback Enable
01D
[5:0]
6
00
DOUTPHASE
DOUT Phase Control
01E
[0]
1
00
DCLKMODE
DCLK Mode (0 = DCLK Tracks DOUT Phase,
1 = DCLK Is CLO, i.e., CLI Inverse)
01F
[0]
1
00
CLIDIVIDE
Divide CLI Input Clock by 2
020
[0]
1
00
DISABLERESTORE
Disable CCDIN DC Restore Circuit during PBLK
(1 = Disable)
021
[0]
1
01
FIELDVAL
Reset Internal Field Pulse Value (0 = Next Field
Odd, 1 = Next Field Even)
022
[0]
1
00
H1HBLKRETIME
Re-time H1/H2 HBLK to Internal H1 Clock
023
[0]
1
00
H3HBLKRETIME
Re-time H3/H4 HBLK to Internal H3 Clock
024
[0]
1
00
SYNCENABLE
External Synchronization Enable (1 = Enable)
025
[0]
1
00
SYNCPOL
SYNC Active Polarity (0 = Active LOW)
026
[0]
1
00
SYNCSUSPEND
Suspend Clocks during SYNC Active (1 = Suspend)
027
[0]
1
00
OUTPUTLD
Assign LD/FD Output (0 = FD, 1 = LD)
028
[0]
1
00
OUTPUTPBLK
Assign CLPOB/PBLK Output (0 = CLPOB,
1 = PBLK)
029
[0]
1
00
TGCORE_RSTB
TG Core Reset_bar (0 = Hold TG Core in Reset,
1 = Resume Operation)
02A
[0]
1
00
FTRANCCD
Frame Transfer CCD Mode (1 = VSG1–VSG4
Become V5–V8 Out)
02B
[5:0]
6
00
INTIAL1
See Power-Up Sequence. Should be set to “53.”
031
[0]
1
01
SINGLE_CLAMP
CLPDM = CLPOB when Set to 1 (Only CLPOB
Registers Used).
032
[1:0]
2
02
DOUT_DELAY
Delay from DCLK to DOUT (0 = No Delay,
1= 4 ns, 2 = 8 ns, 3 = 12 ns)
033
[0]
1
01
OSC_PWRDOWN
CLO Oscillator Power-Down (0 = Oscillator Is
Powered Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com