Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 4 Page - Analog Devices

  AD9891 Datasheet HTML 1Page - Analog Devices AD9891 Datasheet HTML 2Page - Analog Devices AD9891 Datasheet HTML 3Page - Analog Devices AD9891 Datasheet HTML 4Page - Analog Devices AD9891 Datasheet HTML 5Page - Analog Devices AD9891 Datasheet HTML 6Page - Analog Devices AD9891 Datasheet HTML 7Page - Analog Devices AD9891 Datasheet HTML 8Page - Analog Devices AD9891 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
REV. A
–4–
AD9891/AD9895
AD9891–ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
CDS
Gain
0
dB
Allowable CCD Reset Transient
500
mV
Input signal characteristics
*
Max Input Range before Saturation
1.0
V p-p
Max CCD Black Pixel Amplitude
±200
mV
PIXEL GAIN AMPLIFIER (PxGA)
Max Input Range
1.0
V p-p
Max Output Range
1.6
V p-p
Gain Control Resolution
64
Steps
Gain Monotonicity
Guaranteed
Gain Range
Min Gain (PxGA Code 32)
–2.5
dB
Med Gain (PxGA Code 0)
+3.5
dB
Default setting
Max Gain (PxGA Code 31)
+9.5
dB
VARIABLE GAIN AMPLIFIER (VGA)
Max Input Range
1.6
V p-p
Max Output Range
2.0
V p-p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Low Gain (VGA Code 70)
2
dB
Max Gain (VGA Code 1023)
36
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC output
Min Clamp Level
0
LSB
Max Clamp Level
63.75
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
±0.4
±1.0
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (VRT)
2.0
V
Reference Bottom Voltage (VRB)
1.0
V
SYSTEM PERFORMANCE
Includes entire signal chain
Gain Accuracy
Includes 4 dB default PxGA gain
Low Gain (VGA Code 70)
5
6
7
dB
Gain = (0.035
Code) + 3.55 dB
Max Gain (VGA Code 1023)
38.5
39.5
40.5
dB
Peak Nonlinearity, 500 mV Input Signal
0.2
%
12 dB gain applied
Total Output Noise
0.6
LSB rms
AC grounded input, 6 dB gain applied
Power Supply Rejection (PSR)
40
dB
Measured with step change on supply
*Input signal characteristics defined as follows:
1V MAX
INPUT
SIGNAL RANGE
200mV MAX
OPTICAL
BLACK PIXEL
500mV TYP
RESET
TRANSIENT
Specifications subject to change without notice.
(AVDD1, AVDD2 = 3.0 V, fCLI = 20 MHz, TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com