| Electronic Components Datasheet Search |
|
AD9891 Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9891 Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 58 page ![]() REV. A AD9891/AD9895 –29– VD SUBCK t EXP VSUB MECHANICAL SHUTTER OPEN CLOSED MODE 0 MODE 1 MSHUT STROBE SERIAL WRITES OPEN VSG IMAGE READOUT ODD EVEN Figure 35. Exposure and Readout of Interlaced Frame Example of Exposure and Readout of Interlaced Frame Figure 35 shows the sequence of events for a typical exposure and readout operation using a mechanical shutter and strobe. The register values for the VSUB, MSHUT, and STROBE toggle positions may be previously loaded at any time, prior to triggering these functions. Additional register writes are required to configure the vertical clock outputs, V1–V4, which are not described here. 0: Write to the READOUT Register (Addr x281) to specify the number of fields to further suppress SUBCK while the CCD data is readout. In this example, READOUT = 2. 1: Write to the EXPOSURE Register (Addr x27D) to start the exposure and specify the number of fields to suppress SUBCK and VSG outputs during exposure. In this example, EXPOSURE = 2. Write to the TRIGGER Register (Addr x280) to enable the STROBE, MSHUT, and VSUB signals. To trigger all three signals (as in Figure 36) the register TRIGGER = 7. Write to the SGACTLINE Register (Addr x265 and Addr x266) and SGMASK Register (Addr x26F and Addr x270) to configure the sensor gates for ODD field readout (interlaced CCD). 2: VD/HD falling edge will update the serial writes from 1. 3: If VSUB Mode = 0, VSUB output turns ON at the line specified in the VSUBON Register (Addr x272 and Addr x273). STROBE output turns ON at the location specified in the STROBON Registers (Addr x294 to Addr x299). 4: STROBE output turns OFF at the location specified in the STROBEOFF Registers (Addr x29A to Addr x29F). 5: MSHUT Output turns OFF at the location specified in the MSHUTOFF Registers (Addr x28D to Addr x292). 6: Write to the SGACTLINE Register (Addr x253 and Addr x254) and SGMASK Register to configure the sensor gates for EVEN field readout. 7: VD/HD falling edge will update the serial writes from 6. 8: Write to the SGACTLINE Register and SGMASK Register to reconfigure the sensor gates for Draft/Preview Mode output. Write to the MSHUTON Register (Addr x287) to reopen the mechanical shutter for Draft/Preview Mode. 9: VD/HD falling edge will update the serial writes from 8. 10: VSG outputs returns to Draft/Preview Mode timing. SUBCK output resumes operation. MSHUT output returns to the ON position (Active or “Open”). VSUB output returns to the OFF position (Inactive). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |