Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9891 Datasheet HTML 40Page - Analog Devices AD9891 Datasheet HTML 41Page - Analog Devices AD9891 Datasheet HTML 42Page - Analog Devices AD9891 Datasheet HTML 43Page - Analog Devices AD9891 Datasheet HTML 44Page - Analog Devices AD9891 Datasheet HTML 45Page - Analog Devices AD9891 Datasheet HTML 46Page - Analog Devices AD9891 Datasheet HTML 47Page - Analog Devices AD9891 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
REV. A
–44–
AD9891/AD9895
Table XXI. CLPDM/CLPOB Shared Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
064
0
00
CLPSCP0
CLPOB/DM Sequence-Change Position #0
(Hard-Coded to 0)
065
[5:0]
6
3F
CLPSCP1[5:0]
CLPOB/CLPDM Sequence-Change Position #1
066
[5:0]
6
3F
CLPSCP1[11:6]
067
[5:0]
6
3F
CLPSCP2[5:0]
CLPOB/CLPDM Sequence-Change Position #2
068
[5:0]
6
3F
CLPSCP2[11:6]
069
[5:0]
6
3F
CLPSCP3[5:0]
CLPOB/CLPDM Sequence-Change Position #3
06A
[5:0]
6
3F
CLPSCP3[11:6]
06B
[5:0]
6
3F
CLPMASK0[5:0]
CLPOB/CLPDM Masking Line #0
06C
[5:0]
6
3F
CLPMASK0[11:6]
06D
[5:0]
6
3F
CLPMASK1[5:0]
CLPOB/CLPDM Masking Line #1
06E
[5:0]
6
3F
CLPMASK1[11:6]
06F
[5:0]
6
3F
CLPMASK2[5:0]
CLPOB/CLPDM Masking Line #2
070
[5:0]
6
3F
CLPMASK2[11:6]
071
[5:0]
6
3F
CLPMASK3[5:0]
CLPOB/CLPDM Masking Line #3
072
[5:0]
6
3F
CLPMASK3[11:6]
073
[5:0]
6
3F
CLPMASK4[5:0]
CLPOB/CLPDM Masking Line #4
074
[5:0]
6
3F
CLPMASK4[11:6]
Table XXII. CLPDM Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
075
[0]
1
01
CLPDMSPOL0
Sequence #0: Start Polarity for CLPDM
076
[5:0]
6
2E
CLPDMTOG1_0[5:0]
Sequence #0: Toggle Position 1 for CLPDM
077
[5:0]
6
00
CLPDMTOG1_0[11:6]
078
[5:0]
6
06
CLPDMTOG2_0[5:0]
Sequence #0: Toggle Position 2 for CLPDM
079
[5:0]
6
03
CLPDMTOG2_0[11:6]
07A
[0]
1
00
CLPDMSPOL1
Sequence #1: Start Polarity for CLPDM
07B
[5:0]
6
3F
CLPDMTOG1_1[5:0]
Sequence #1: Toggle Position 1 for CLPDM
07C
[5:0]
6
3F
CLPDMTOG1_1[11:6]
07D
[5:0]
6
3F
CLPDMTOG2_1[5:0]
Sequence #1: Toggle Position 2 for CLPDM
07E
[5:0]
6
3F
CLPDMTOG2_1[11:6]
07F
[0]
1
00
CLPDMSPOL2
Sequence #2: Start Polarity for CLPDM
080
[5:0]
6
3F
CLPDMTOG1_2[5:0]
Sequence #2: Toggle Position 1 for CLPDM
081
[5:0]
6
3F
CLPDMTOG1_2[11:6]
082
[5:0]
6
3F
CLPDMTOG2_2[5:0]
Sequence #2: Toggle Position 2 for CLPDM
083
[5:0]
6
3F
CLPDMTOG2_2[11:6]
084
[0]
1
00
CLPDMSPOL3
Sequence #3: Start Polarity for CLPDM
085
[5:0]
6
3F
CLPDMTOG1_3[5:0]
Sequence #3: Toggle Position 1 for CLPDM
086
[5:0]
6
3F
CLPDMTOG1_3[11:6]
087
[5:0]
6
3F
CLPDMTOG2_3[5:0]
Sequence #3: Toggle Position 2 for CLPDM
088
[5:0]
6
3F
CLPDMTOG2_3[11:6]
089
[1:0]
2
00
CLPDMSPTR0
CLPDM Sequence Pointer for Region #0
08A
[1:0]
2
00
CLPDMSPTR1
CLPDM Sequence Pointer for Region #1
08B
[1:0]
2
00
CLPDMSPTR2
CLPDM Sequence Pointer for Region #2
08C
[1:0]
2
00
CLPDMSPTR3
CLPDM Sequence Pointer for Region #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com