Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9891 Datasheet HTML 50Page - Analog Devices AD9891 Datasheet HTML 51Page - Analog Devices AD9891 Datasheet HTML 52Page - Analog Devices AD9891 Datasheet HTML 53Page - Analog Devices AD9891 Datasheet HTML 54Page - Analog Devices AD9891 Datasheet HTML 55Page - Analog Devices AD9891 Datasheet HTML 56Page - Analog Devices AD9891 Datasheet HTML 57Page - Analog Devices AD9891 Datasheet HTML 58Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
REV. A
–56–
AD9891/AD9895
Table XXXI. AFE Register Breakdown
Bit
Default
Content
Width
Value
Register Name
Register Description
OPRMODE
[7:0]
8’h0
Serial Address: 10’h0{OPRMODE[5:0]},
10’h1{OPRMODE[7:6]}
[1:0]
2’h0
POWERDOWN[1:0]
Normal Operation
2’h1
Standby1 (See Standby Modes Table)
2’h2
Standby2 (See Standby Modes Table)
2’h3
Standby3 (See Standby Modes Table)
[2]
DISBLACK
Disable Black Loop Clamping (HIGH Active)
[3]
Test Mode
Test Mode—Should Be Set LOW
[4]
Test Mode
Test Mode—Should Be Set HIGH
[5]
Test Mode
Test Mode—Should Be Set LOW
[6]
Test Mode
Test Mode—Should Be Set LOW
[7]
Test Mode
Test Mode—Should Be Set LOW
CTLMODE
[5:0]
6’h0
Serial Address: 10’h6{CLTMODE[5:0]}
[2:0]
3’h0
CTLMODE[2:0]
OFF
3’h1
Mosaic Separate
3’h2
VD Selected/Mosaic Interlaced
3’h3
Mosaic Repeat
3’h4
3-Color
3’h5
3-Color II
3’h6
4-Color
3’h7
4-Color II
[3]
ENABLEPXGA
Enable PxGA (HIGH Active)
[4]
1’h0
OUTPUTLAT
Latch Output Data on Selected DOUT Edge
1’h1
Leave Output Latch Transparent
[5]
1’h0
TRISTATEOUT
ADC Outputs Are Driven
1’h1
ADC Outputs Are Three-Stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com