Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 1 Page - Analog Devices

  AD9891 Datasheet HTML 1Page - Analog Devices AD9891 Datasheet HTML 2Page - Analog Devices AD9891 Datasheet HTML 3Page - Analog Devices AD9891 Datasheet HTML 4Page - Analog Devices AD9891 Datasheet HTML 5Page - Analog Devices AD9891 Datasheet HTML 6Page - Analog Devices AD9891 Datasheet HTML 7Page - Analog Devices AD9891 Datasheet HTML 8Page - Analog Devices AD9891 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
REV. A
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD9891/AD9895
CCD Signal Processors with
Precision Timing™ Generator
PxGA is a registered trademark and Precision Timing is a trademark of Analog Devices, Inc.
FEATURES
AD9891: 10-Bit 20 MHz Version
AD9895: 12-Bit 30 MHz Version
Correlated Double Sampler (CDS)
4
6 dB Pixel Gain Amplifier (
PxGA®)
2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
10-Bit 20 MHz A/D Converter (AD9891)
12-Bit 30 MHz A/D Converter (AD9895)
Black Level Clamp with Variable Level Control
Complete On-Chip Timing Generator
Precision Timing Core with 1 ns Resolution
On-Chip 5 V Horizontal and RG Drivers
2-Phase and 4-Phase H-Clock Modes
4-Phase Vertical Transfer Clocks
Electronic and Mechanical Shutter Modes
On-Chip Driver for External Crystal
On-Chip Sync Generator with External Sync Option
64-Lead CSPBGA Package
APPLICATIONS
Digital Still Cameras
Digital Video Camcorders
Industrial Imaging
FUNCTIONAL BLOCK DIAGRAM
AD9891/AD9895
PxGA
CDS
CLAMP
VGA
CLAMP
ADC
10 OR 12
DCLK
CLPOB/PBLK
FD/LD
MSHUT
STROBE
CLO
CLI
DOUT
VREF
2dB TO 36dB
HORIZONTAL
DRIVERS
V-H
CONTROL
4
4
8
RG
H1–H4
V1–V4
VSG1–VSG8
VRT
VRB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
VSUB SUBCK
HD
VD SYNC
INTERNAL
REGISTERS
SL
SCK DATA
CCDIN
4dB
6dB
PRODUCT DESCRIPTION
The AD9891 and AD9895 are highly integrated CCD signal
processors for digital still camera applications. Both include a
complete analog front end with A/D conversion combined with
a full-function programmable timing generator. A Precision
Timing core allows adjustment of high speed clocks with 1 ns
resolution at 20 MHz operation and 700 ps resolution at 30
MHz operation.
The AD9891 is specified at pixel rates of up to 20 MHz, and
the AD9895 is specified at 30 MHz. The analog front end
includes black level clamping, CDS, PxGA, VGA, and a 10-Bit
or 12-Bit A/D converter. The timing generator provides all the
necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias control. Operation is
programmed using a 3-wire serial interface.
Packaged in a space-saving 64-lead CSPBGA, the AD9891 and
AD9895 are specified over an operating temperature range of
–20
°C to +85°C.


Similar Part No. - AD9891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
More results

Similar Description - AD9891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9898 AD-AD9898 Datasheet
518Kb / 52P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9895 AD-AD9895_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com