Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9891 Datasheet HTML 42Page - Analog Devices AD9891 Datasheet HTML 43Page - Analog Devices AD9891 Datasheet HTML 44Page - Analog Devices AD9891 Datasheet HTML 45Page - Analog Devices AD9891 Datasheet HTML 46Page - Analog Devices AD9891 Datasheet HTML 47Page - Analog Devices AD9891 Datasheet HTML 48Page - Analog Devices AD9891 Datasheet HTML 49Page - Analog Devices AD9891 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
REV. A
–46–
AD9891/AD9895
Table XXV. PBLK Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
0BD
[0]
1
00
PBLKSPOL0
Sequence #0: Start Polarity for PBLK
0BE
[5:0]
6
10
PBLKTOG1_0[5:0]
Sequence #0: Toggle Position 1 for PBLK
0BF
[5:0]
6
03
PBLKTOG1_0[11:6]
0C0
[5:0]
6
3F
PBLKBTOG2_0[5:0]
Sequence #0: Toggle Position 2 for PBLK
0C1
[5:0]
6
3F
PBLKBTOG2_0[11:6]
0C2
[0]
1
00
PBLKSPOL1
Sequence #1: Start Polarity for PBLK
0C3
[5:0]
6
3F
PBLKTOG1_1[5:0]
Sequence #1: Toggle Position 1 for PBLK
0C4
[5:0]
6
3F
PBLKTOG1_1[11:6]
0C5
[5:0]
6
3F
PBLKTOG2_1[5:0]
Sequence #1: Toggle Position 2 for PBLK
0C6
[5:0]
6
3F
PBLKTOG2_1[11:6]
0C7
[0]
1
00
PBLKSPOL2
Sequence #2: Start Polarity for PBLK
0C8
[5:0]
6
3F
PBLKTOG1_2[5:0]
Sequence #2: Toggle Position 1 for PBLK
0C9
[5:0]
6
3F
PBLKTOG1_2[11:6]
0CA
[5:0]
6
3F
PBLKTOG2_2[5:0]
Sequence #2: Toggle Position 2 for PBLK
0CB
[5:0]
6
3F
PBLKTOG2_2[11:6]
0CC
[0]
1
00
PBLKSPOL3
Sequence #3: Start Polarity for PBLK
0CD
[5:0]
6
3F
PBLKTOG1_3[5:0]
Sequence #3: Toggle Position 1 for PBLK
0CE
[5:0]
6
3F
PBLKTOG1_3[11:6]
0CF
[5:0]
6
3F
PBLKTOG2_3[5:0]
Sequence #3: Toggle Position 2 for PBLK
0D0
[5:0]
6
3F
PBLKTOG2_3[11:6]
000
PBLKSCP0
PBLK Sequence-Change Position #0
(Hard-Coded to 0)
0D1
[1:0]
2
00
PBLKSPTR0
PBLK Sequence Pointer for Region #0
0D2
[5:0]
6
3F
PBLKSCP1[5:0]
PBLK Sequence-Change Position #1
0D3
[5:0]
6
3F
PBLKSCP1[11:6]
0D4
[1:0]
2
00
PBLKSPTR1
PBLK Sequence Pointer for Region #1
0D5
[5:0]
6
3F
PBLKSCP2[5:0]
PBLK Sequence-Change Position #2
0D6
[5:0]
6
3F
PBLKSCP2[11:6]
0D7
[1:0]
2
00
PBLKSPTR2
PBLK Sequence Pointer for Region #2
0D8
[5:0]
6
3F
PBLKSCP3[5:0]
PBLK Sequence-Change Position #3
0D9
[5:0]
6
3F
PBLKSCP3[11:6]
0DA
[1:0]
2
00
PBLKSPTR3
PBLK Sequence Pointer for Region #3
Table XXVI. H1–H4, RG, SHP, SHD Register Map
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
0DB
[0]
1
01
H12POL
H1/H2 Polarity Control (0 = Inversion,
1= No Inversion)
0DC
[5:0]
6
00
H1POSLOC
H1 Positive Edge Location
0DD
[5:0]
6
20
H1NEGLOC
H1 Negative Edge Location
0DE
[0]
1
01
H34POL
H3/H4 Polarity Control (0 = Inversion,
1= No Inversion)
0DF
[5:0]
6
00
H3POSLOC
H3 Positive Edge Location
0E0
[5:0]
6
20
H3NEGLOC
H3 Negative Edge Location
0E1
[2:0]
3
03
H1DRV
H1 Drive Strength (0 = Off, 1 = 3.5 mA,
2= 7 mA, 3 = 10.5 mA, 4 = 14 mA,
5= 17.5 mA, 6 = 21 mA, 7 = 24.5 mA)
0E2
[2:0]
3
03
H2DRV
H2 Drive Strength
0E3
[2:0]
3
03
H3DRV
H3 Drive Strength
0E4
[2:0]
3
03
H4DRV
H4 Drive Strength
0E5
[0]
1
01
RGPOL
RG Polarity Control (0 = Inversion,
1= No Inversion)
0E6
[5:0]
6
00
RGPOSLOC
RG Positive Edge Location
OE7
[5:0]
6
10
RGNEGLOC
RG Negative Edge Location
0E8
[2:0]
3
02
RGDRV
RG Drive Strength (0 = Off, 1 = 3.5 mA,
2= 7 mA, 3 = 10.5 mA, 4 = 14 mA,
5= 17.5 mA, 6 = 21 mA, 7 = 24.5 mA)
0E9
[5:0]
6
24
SHPPOSLOC
SHP (Positive) Edge Sampling Location
0EA
[5:0]
6
00
SHDPOSLOC
SHD (Positive) Edge Sampling Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com