Electronic Components Datasheet Search
  English  ▼

X  

AD9891 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9891 Datasheet HTML 48Page - Analog Devices AD9891 Datasheet HTML 49Page - Analog Devices AD9891 Datasheet HTML 50Page - Analog Devices AD9891 Datasheet HTML 51Page - Analog Devices AD9891 Datasheet HTML 52Page - Analog Devices AD9891 Datasheet HTML 53Page - Analog Devices AD9891 Datasheet HTML 54Page - Analog Devices AD9891 Datasheet HTML 55Page - Analog Devices AD9891 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
REV. A
–52–
AD9891/AD9895
Table XXVIII. V1–V8 Register Map (continued)
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
1F6
[5:0]
6
3F
HDLEN3[5:0]
Region #3 HD Line Length
1F7
[5:0]
6
3F
HDLEN3[11:6]
1F8
[1:0]
200
HBLKSPTR3
HBLK Sequence for Region #3
1F9
[0]
100
VTPALT3
VTP Sequence Alternation for Region #3
1FA
[3:0]
4
00
V1SPTRFIRST3
V1 Sequence for Region #3 (First Lines)
1FB
[0]
1
00
V1INVFIRST3
V1 Sequence Inversion for Region #3 (First Lines)
1FC
[3:0]
4
00
V1SPTRSECOND3
V1 Sequence for Region #3 (Second Lines)
1FD
[0]
1
00
V1INVSECOND3
V1 Sequence Inversion for Region #3 (Second Lines)
1FE
[5:0]
6
00
V1_5START3[5:0]
V1 and V5 Sequence Start for Region #3
1FF
[5:0]
6
00
V1_5START3[11:6]
200
[3:0]
4
00
V2SPTRFIRST3
V2 Sequence for Region #3 (First Lines)
201
[0]
1
00
V2INVFIRST3
V2 Sequence Inversion for Region #3 (First Lines)
202
[3:0]
4
00
V2SPTRSECOND3
V2 Sequence for Region #3 (Second Lines)
203
[0]
1
00
V2INVSECOND3
V2 Sequence Inversion for Region #3 (Second Lines)
204
[5:0]
6
00
V2_6START3[5:0]
V2 and V6 Sequence Start for Region #3
205
[5:0]
6
00
V2_6START3[11:6]
206
[3:0]
4
00
V3SPTRFIRST3
V3 Sequence for Region #3 (First Lines)
207
[0]
1
00
V3INVFIRST3
V3 Sequence Inversion for Region #3 (First Lines)
208
[3:0]
4
00
V3SPTRSECOND3
V3 Sequence for Region #3 (Second Lines)
209
[0]
1
00
V3INVSECOND3
V3 Sequence Inversion for Region #3 (Second Lines)
20A
[5:0]
6
00
V3_7START3[5:0]
V3 and V7 Sequence Start for Region #3
20B
[5:0]
6
00
V3_7START3[11:6]
20C
[3:0]
4
00
V4SPTRFIRST3
V4 Sequence for Region #3 (First Lines)
20D
[0]
1
00
V4INVFIRST3
V4 Sequence Inversion for Region #3 (First Lines)
20E
[3:0]
4
00
V4SPTRSECOND3
V4 Sequence for Region #3 (Second Lines)
20F
[0]
1
00
V4INVSECOND3
V4 Sequence Inversion for Region #3 (Second Lines)
210
[5:0]
6
00
V4_8START3[5:0]
V4 and V8 Sequence Start for Region #3
211
[5:0]
6
00
V4_8START3[11:6]
212
[5:0]
6
00
V1_4FREEZE3[5:0]
V1–V4 Freeze Start Position for Region #3
213
[5:0]
6
00
V1_4FREEZE3[11:6]
214
[5:0]
6
00
V1_4RESUME3[5:0]
V1–V4 Resume Start Position for Region #3
215
[5:0]
6
00
V1_4RESUME3[11:6]
216
[5:0]
6
00
V5_8FREEZE3[5:0]
V5–V8 Freeze Start Position for Region #3
217
[5:0]
6
00
V5_8FREEZE3[11:6]
218
[5:0]
6
00
V5_8RESUME3[5:0]
V5–V8 Resume Start Position for Region #3
219
[5:0]
6
00
V5_8RESUME3[11:6]
21A
[0]
1
00
SWEEP4
V Sweep for Region #4
21B
[0]
1
00
MULTI4
V Multiplier for Region #4
21C
[5:0]
6
3F
HDLEN4[5:0]
Region #4 HD Line Length
21D
[5:0]
6
3F
HDLEN4[11:6]
21E
[1:0]
2
00
HBLKSPTR4
HBLK Sequence for Region #4
21F
[0]
100
VTPALT4
VTP Sequence Alternation for Region #4
220
[3:0]
4
00
V1SPTRFIRST4
V1 Sequence for Region #4 (First Lines)
221
[0]
1
00
V1INVFIRST4
V1 Sequence Inversion for Region #4 (First Lines)
222
[3:0]
4
00
V1SPTRSECOND4
V1 Sequence for Region #4 (Second Lines)
223
[0]
1
00
V1INVSECOND4
V1 Sequence Inversion for Region #4 (Second Lines)
224
[5:0]
6
00
V1_5START4[5:0]
V1 and V5 Sequence Start for Region #4
225
[5:0]
6
00
V1_5START4[11:6]
226
[3:0]
4
00
V2SPTRFIRST4
V2 Sequence for Region #4 (First Lines)
227
[0]
1
00
V2INVFIRST4
V2 Sequence Inversion for Region #4 (First Lines)
228
[3:0]
4
00
V2SPTRSECOND4
V2 Sequence for Region #4 (Second Lines)
229
[0]
1
00
V2INVSECOND4
V2 Sequence Inversion for Region #4 (Second Lines)
22A
[5:0]
6
00
V2_6START4[5:0]
V2 and V6 Sequence Start for Region #4
22B
[5:0]
6
00
V2_6START4[11:6]
22C
[3:0]
4
00
V4SPTRFIRST4
V4 Sequence for Region #4 (First Lines)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com